Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1555 Datasheet (PDF) - Micrel Semiconductor

MIC1555 Datasheet PDF - Micrel Semiconductor
Part # MIC1555
Download  MIC1555 Download
File Size   166.24 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??RC Timer / Oscillator

MIC1555 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC1555 Datasheet PDF - Micrel Semiconductor

Part # MIC1555
Download  MIC1555 Click to download

File Size   166.24 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description IttyBitty??RC Timer / Oscillator

MIC1555 Datasheet (HTML) - Micrel Semiconductor


MIC1555 Product details

General Description

The MIC1555 IttyBitty® CMOS RC timer/oscillator and MIC1557 IttyBitty® CMOS RC oscillator are designed to provide rail-to-rail pulses for precise time delay or frequency generation.



Features

• +2.7V to +18V operation

•Low current

− <1µA typical shutdown mode (MIC1557)

− 200µA typical (TRG and THR low) at 3V supply

• Timing from microseconds to hours

• “Zero” leakage trigger and threshold inputs

• 50% square wave with one Resistor, one Capacitor

• Threshold input precedence over trigger input

•<15Ω output on resistance

• No output cross-conduction current spikes

• <0.005%/°C temperature stability

• <0.055%/V supply stability

• Small SOT-23-5 surface mount package




Similar Part No. - MIC1555

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
MIC1555 MICREL-MIC1555 Datasheet
1Mb / 18P
IttyBitty® RC Timer/Oscillator
August 12, 2015 Revision 6.1
MIC1555BM5 MICREL-MIC1555BM5 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
MIC1555YD5 MICREL-MIC1555YD5 Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
MIC1555YD5 MICREL-MIC1555YD5 Datasheet
1Mb / 18P
IttyBitty® RC Timer/Oscillator
August 12, 2015 Revision 6.1
More results


Similar Description - MIC1555

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14541B HITACHI-HD14541B Datasheet
82Kb / 5P
Programmable Oscillator/Timer
logo
Micrel Semiconductor
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC1555 MICREL-MIC1555_10 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
MIC6270 MICREL-MIC6270_08 Datasheet
148Kb / 4P
IttyBitty Comparator
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
Low-Cost IttyBitty??Thermal Sensor IttyBitty
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
RC oscillator on chip
BT8031-XX IKSEMICON-BT8031-XX Datasheet
269Kb / 3P
RC oscillator on chip
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com