Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1815 Datasheet (PDF) - Micrel Semiconductor

MIC1815 Datasheet PDF - Micrel Semiconductor
Part # MIC1815
Download  MIC1815 Download
File Size   161.49 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Microprocessor Reset Circuit

MIC1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC1815 Datasheet PDF - Micrel Semiconductor

Part # MIC1815
Download  MIC1815 Click to download

File Size   161.49 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Microprocessor Reset Circuit

MIC1815 Datasheet (HTML) - Micrel Semiconductor


MIC1815 Product details

General Description
The MIC1815 is an inexpensive microprocessor supervisory circuit that monitors power supplies in microprocessor based systems.
The function of these devices is to assert a reset if the power supply drops below a designated reset threshold level. Several different reset threshold levels are available to accommodate 10% or 20% drop in 3.3V powered systems.

Features
• Precision voltage monitor for 10% or 20% drop in 3.3V power supplies
• /RESET remains valid with VCC as low as 1V
• 5µA supply current
• 100ms minimum reset pulse width
• No external components required
• Available in 3-pin SOT-23 package

Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Embedded controllers




Similar Part No. - MIC1815

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC1815-10U MICREL-MIC1815-10U Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC1815-10UY MICREL-MIC1815-10UY Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC1815-20U MICREL-MIC1815-20U Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC1815-20UY MICREL-MIC1815-20UY Datasheet
237Kb / 6P
Microprocessor Reset Circuit
More results


Similar Description - MIC1815

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com