Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2178 Datasheet (PDF) - Micrel Semiconductor

MIC2178 Datasheet PDF - Micrel Semiconductor
Part # MIC2178
Download  MIC2178 Download
File Size   170.83 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5A Synchronous Buck Regulator

MIC2178 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2178 Datasheet PDF - Micrel Semiconductor

Part # MIC2178
Download  MIC2178 Click to download

File Size   170.83 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5A Synchronous Buck Regulator

MIC2178 Datasheet (HTML) - Micrel Semiconductor


MIC2178 Product details

General Description
The Micrel MIC2178 is a 200kHz synchronous buck (stepdown) switching regulator designed for high-efficiency, battery-powered applications.
The MIC2178 operates from a 4.5V to 16.5V input and features internal power MOSFETs that can supply up to 2.5A output current. It can operate with a maximum duty cycle of 100% for use in low-dropout conditions. It also features a shutdown mode that reduces quiescent current to less than 5µA.

Features
• 4.5V to 16.5V input voltage range
• Dual-mode operation for high efficiency (up to 96%)
    PWM mode for > 200mA load current
    Skip mode for < 200mA load current
• 100mΩ internal power MOSFETs at 12V input
• 200kHz preset switching frequency
• Low quiescent current
    1.0mA in PWM mode
    600µA in skip mode
    < 5µA in shutdown mode
• Current-mode control
    Simplified loop compensation
    Superior line regulation
• 100% duty cycle for low dropout operation
• Current limit
• Thermal shutdown
• Undervoltage lockout

Applications
• High-efficiency, battery-powered supplies
• Buck (step-down) dc-to-dc converters
• Palmtop computers
• Laptop computers
• Cellular telephones
• Hand-held instruments
• Battery Chargers




Similar Part No. - MIC2178

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2178-3.3BWM MICREL-MIC2178-3.3BWM Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178-3.3YWM MICREL-MIC2178-3.3YWM Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178-5.0BWM MICREL-MIC2178-5.0BWM Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178-5.0YWM MICREL-MIC2178-5.0YWM Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178BWM MICREL-MIC2178BWM Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
More results


Similar Description - MIC2178

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
EZBuck??2.5A Simple Buck Regulator
logo
Micrel Semiconductor
MIC24420 MICREL-MIC24420 Datasheet
1Mb / 34P
2.5A Dual Output PWM Synchronous Buck Regulator IC
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Alpha & Omega Semicondu...
AOZ1283 AOSMD-AOZ1283 Datasheet
1Mb / 15P
EZBuck™ 2.5A Simple Buck Regulator
Rev. 1.0 May 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com