Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2525 Datasheet (PDF) - Micrel Semiconductor

MIC2525 Datasheet PDF - Micrel Semiconductor
Part # MIC2525
Download  MIC2525 Download
File Size   93.31 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description USB Power Control Switch Not Recommended for New Designs

MIC2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2525 Datasheet PDF - Micrel Semiconductor

Part # MIC2525
Download  MIC2525 Click to download

File Size   93.31 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description USB Power Control Switch Not Recommended for New Designs

MIC2525 Datasheet (HTML) - Micrel Semiconductor


MIC2525 Product details

General Description
The MIC2525 is an integrated high-side power switch, optimized for self-powered and bus-powered Universal Serial Bus (USB) applications. Few external components are necessary to satisfy USB requirements.

Features
• Compliant to USB specifications
• UL Recognized Component
• 3V to 5.5V input
• 500mA minimum continuous load current per port
• 140mΩ maximum on-resistance
• 1.25A maximum short circuit current limit
• Open-drain fault flag pins
• 110µA typical on-state supply current
• 1µA typical off-state supply current
• Output can be forced higher than input (off-state)
• Thermal shutdown
• 2.4V typical undervoltage lockout (UVLO)
• 1ms turn-on (soft-start) and fast turnoff
• Active-high or active-low enable versions
• 8-pin SOIC and DIP packages

Applications
• USB hosts and self-powered hubs
• USB bus-powered hubs
• Hot plug-in power supplies
• Battery-charger circuits




Similar Part No. - MIC2525

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BN MICREL-MIC2524-1BN Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BWM MICREL-MIC2524-1BWM Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BN MICREL-MIC2524-2BN Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BWM MICREL-MIC2524-2BWM Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
More results


Similar Description - MIC2525

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
Dual USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
MIC50395 MICREL-MIC50395 Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Cherry Semiconductor Co...
E23-50H CHERRY-E23-50H Datasheet
1Mb / 5P
Not recommended for new designs Please review our D4 series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com