Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2529 Datasheet (PDF) - Micrel Semiconductor

MIC2529 Datasheet PDF - Micrel Semiconductor
Part # MIC2529
Download  MIC2529 Download
File Size   138.12 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Channel USB Power Controller Advance Information

MIC2529 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2529 Datasheet PDF - Micrel Semiconductor

Part # MIC2529
Download  MIC2529 Click to download

File Size   138.12 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Channel USB Power Controller Advance Information

MIC2529 Datasheet (HTML) - Micrel Semiconductor


MIC2529 Product details

General Description
The MIC2529 is a high-side power switch optimized for self-powered (individual port switching) and bus-powered (ganged port switching) Universal Serial Bus (USB) hub applications. An on-board voltage regulator provides the 3.3V supply voltage needed for many USB microcontrollers reducing board component count.

Features
• Compliant to USB specifications
• UL Recognized Component
• On-board 3.3V, 100mA low-dropout regulator
• 500mA minimum continuous switch load current
• 160mΩ maximum on-resistance
• 750mA typical current limit
• Open-drain fault flag pin for switch
• Output can be forced higher than input (off-state)
• Thermal shutdown
• 1ms turn-on (soft-start) and fast turnoff
• Available with active-high or active-low switch enable
• Active-high enable on 3.3V regulated output
• 8-pin SOIC package

Applications
• USB self-powered hubs
• USB bus-powered hubs
• USB keyboard hubs




Similar Part No. - MIC2529

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BN MICREL-MIC2524-1BN Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BWM MICREL-MIC2524-1BWM Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BN MICREL-MIC2524-2BN Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BWM MICREL-MIC2524-2BWM Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
More results


Similar Description - MIC2529

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
USB High-Side Power Switch Advance Information
G528 GMT-G528 Datasheet
194Kb / 8P
USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525_15 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com