Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2545A Datasheet (PDF) - Micrel Semiconductor

MIC2545A Datasheet PDF - Micrel Semiconductor
Part # MIC2545A
Download  MIC2545A Download
File Size   288.74 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Programmable Current Limit High-Side Switch

MIC2545A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2545A Datasheet PDF - Micrel Semiconductor

Part # MIC2545A
Download  MIC2545A Click to download

File Size   288.74 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Programmable Current Limit High-Side Switch

MIC2545A Datasheet (HTML) - Micrel Semiconductor


MIC2545A Product details

General Description
The MIC2545A and MIC2549A are integrated high-side power switches optimized for low-loss DC power switching and other power-management applications, including advanced configuration and power interface (ACPI). The MIC2545A/49A is a cost-effective, highly-integrated solution that requires few external components to satisfy USB and ACPI requirements.

Features
• 2.7V to 5.5V input
• Adjustable current-limit up to 3A
• Reverse current flow blocking
• 90µA typical on-state supply current
• 1µA typical off-state supply current
• 50mΩ maximum on-resistance
• Open-drain fault flag
• Thermal shutdown
• Thermal-shutdown output latch (MIC2549A)
• 2ms (slow) soft-start turn-on, fast turnoff
• Available with active-high or active-low enable

Applications
• USB power distribution
• PCI Bus Power Switching
• Notebook PC
• ACPI power distribution
• PC card hot swap applications
• Inrush current-limiting




Similar Part No. - MIC2545A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A Datasheet
130Kb / 16P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
MIC2545A-1BM MICREL-MIC2545A-1BM Datasheet
130Kb / 16P
Programmable Current Limit High-Side Switch
MIC2545A-1BM MICREL-MIC2545A-1BM Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
MIC2545A-1BN MICREL-MIC2545A-1BN Datasheet
130Kb / 16P
Programmable Current Limit High-Side Switch
More results


Similar Description - MIC2545A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
Programmable Current Limit High-Side Switch Preliminary Information
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
logo
Rohm
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
Current Limit High Side Switch ICs
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
1.5A Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com