Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL89410IP Datasheet (PDF) - Intersil Corporation

ISL89410IP Datasheet PDF - Intersil Corporation
Part # ISL89410IP
Download  ISL89410IP Download
File Size   225.37 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed, Dual Channel Power MOSFET Drivers

ISL89410IP Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL89410IP Datasheet PDF - Intersil Corporation

Part # ISL89410IP
Download  ISL89410IP Click to download

File Size   225.37 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed, Dual Channel Power MOSFET Drivers

ISL89410IP Datasheet (HTML) - Intersil Corporation


ISL89410IP Product details

The ISL89410, ISL89411, ISL89412 ICs are similar to the
EL7202, EL7212, EL7222 series but with greater VDD
ratings. These are very high speed matched dual drivers
capable of delivering peak currents of 2.0A into highly
capacitive loads. The high speed performance is achieved
by means of a proprietary “Turbo-Driver” circuit that speeds
up input stages by tapping the wider voltage swing at the
output. Improved speed and drive capability are enhanced
by matched rise and fall delay times. These matched delays
maintain the integrity of input-to-output pulse-widths to
reduce timing errors and clock skew problems. This
improved performance is accompanied by a 10-fold
reduction in supply currents over bipolar drivers, yet without
the delay time problems commonly associated with CMOS
devices. Dynamic switching losses are minimized with
non-overlapped drive techniques.

Features
• Industry Standard Driver Replacement
• Improved Response Times
• Matched Rise and Fall Times
• Reduced Clock Skew
• Low Output Impedance
• Low Input Capacitance
• High Noise Immunity
• Improved Clocking Rate
• Low Supply Current
• Wide Operating Voltage Range
• Pb-Free Available (RoHS compliant)

Applications
• Clock/line Drivers
• CCD Drivers
• Ultra-Sound Transducer Drivers
• Power MOSFET Drivers
• Switch Mode Power Supplies
• Class D Switching Amplifiers
• Ultrasonic and RF Generators
• Pulsed Circuits




Similar Part No. - ISL89410IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410IP INTERSIL-ISL89410IP Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
ISL89410IP INTERSIL-ISL89410IP Datasheet
228Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
ISL89410IPZ INTERSIL-ISL89410IPZ Datasheet
228Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Renesas Technology Corp
ISL89410IPZ RENESAS-ISL89410IPZ Datasheet
568Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
More results


Similar Description - ISL89410IP

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426 MICROCHIP-TC426 Datasheet
461Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
High Speed, Dual Channel Power MOSFET Drivers
May 9, 2005
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
Intersil Corporation
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com