Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97634 Datasheet (PDF) - Intersil Corporation

ISL97634 Datasheet PDF - Intersil Corporation
Part # ISL97634
Download  ISL97634 Download
File Size   584.39 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description White LED Driver with Wide PWM Dimming Range

ISL97634 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97634 Datasheet PDF - Intersil Corporation

Part # ISL97634
Download  ISL97634 Click to download

File Size   584.39 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description White LED Driver with Wide PWM Dimming Range

ISL97634 Datasheet (HTML) - Intersil Corporation


ISL97634 Product details

The ISL97634 represents an efficient and highly integrated
PWM boost LED driver that is suitable for LED backlighting in
small size LCD panels. With integrated Schottky diode, OVP,
and wide range of PWM dimming capability, the ISL97634
provides a simple, reliable, and flexible solution to the
backlight designers.
The ISL97634 features a wide range of PWM dimming control
capability. It allows dimming frequency as low as DC to 32kHz
beyond audible spectrum. The ISL97634 also features a
feedback disconnect switch to prevent the output from being
modulated by the PWM dimming signal that minimizes system
disturbance.
The ISL97634 is available in the 8 Ld TDFN (2mmx3mm)
package. There are 14V, 18V, and 26V OVP options that are
suitable for various number of LEDs in series. The ISL97634 is
specified for operation over the -40°C to +85°C ambient
temperature at input voltage from 2.4V to 5.5V.

Features
•Drives Up to 26V Output
•Integrated over-voltage protection (OVP) of 14V, 18V, and
26V for various number of LEDs in series
• PWM Dimming Control From DC to 32kHz
• Output Disconnect Switch
• Integrated Schottky Diode
• 2.4V to 5.5V Input
• 85% Efficiency
• 1.4MHz Switching Frequency Allows Small LC
• 1µA Shutdown Current
• Internally Compensated
• 8 Ld TDFN (2mmx3mm)
• Pb-Free (RoHS Compliant)

Applications
• LED Backlighting for:
- Cell phones
- Smartphones
- MP3
- PMP
- Automotive Navigation Panel
- Portable GPS




Similar Part No. - ISL97634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
White LED Driver with Wide PWM Dimming Range
April 10, 2007
ISL97634 INTERSIL-ISL97634 Datasheet
460Kb / 10P
White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
471Kb / 10P
White LED Driver with Wide PWM Dimming Range
April 10, 2007
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
460Kb / 10P
White LED Driver with Wide PWM Dimming Range
More results


Similar Description - ISL97634

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
White LED Driver with Wide PWM Dimming Range
April 10, 2007
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
White LED Driver with Digital Dimming
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
White LED Driver with Wide PWM Dimming Range
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
White LED Driver with Digital Dimming
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
White LED Driver with Wide PWM Dimming Range
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com