Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97686 Datasheet (PDF) - Intersil Corporation

ISL97686 Datasheet PDF - Intersil Corporation
Part # ISL97686
Download  ISL97686 Download
File Size   1304.6 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel LED Driver with Independent Channel Control for Dynamic Dimming

ISL97686 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97686 Datasheet PDF - Intersil Corporation

Part # ISL97686
Download  ISL97686 Click to download

File Size   1304.6 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel LED Driver with Independent Channel Control for Dynamic Dimming

ISL97686 Datasheet (HTML) - Intersil Corporation


ISL97686 Product details

The ISL97686 is a PWM controlled LED driver that supports
4 channels of LED current, for Monitor and TV LCD backlight
applications. It is capable of driving 160mA per channel from a
9V to 32V input supply, with current sources rated up to 75V
absolute maximum.
The ISL97686’s current sources achieve typical current matching
to ±1%, while dynamically maintaining the minimum required
VOUT necessary for regulation. This adaptive scheme
compensates for the non-uniformity of forward voltage variance
in the LED strings.
The ISL97686 dimming can be controlled by a high speed SPI
interface for independent channel control for dynamic dimming
function synthesized on chip at 10-bit resolution.
The ISL97686 has an advanced dynamic headroom control
function, which monitors the highest LED forward voltage string,
and regulates the output to the correct level to minimize power
loss. This proprietary regulation scheme also allows for
extremely linear PWM dimming from 0.02% to 100%. The LED
current can also be switched between two current levels, giving
support for 3D applications. The ISL97686 incorporates
extensive protections of string open and short circuit detections,
OVP, and OTP

Features
• 4 x 160mA, 75V Rated Channels with Integrated Channel
Regulation FETs
• Channels can be Ganged for High Current
- 2 x 350mA
- 1 x 700mA
• 9V~32V Input Voltage
• Dimming Modes:
- Independent Channel Dimming Control with SPI
- PWM Dimming with Adjustable Output Frequency
- 10-bit Dimming Resolution
- VSYNC Mode
• 2 Selectable Current Levels for 3D Applications
• Current Matching of ±1%
• Integrated Fault Protection Features such as String Open
Circuit Protection, String Short Circuit Protection, Overvoltage
Protection, and Over-Temperature Protection
• 28 Ld 5x5mm TQFN and 28 Ld 300mil SOIC Packages Available

Applications
• Monitor/TV LED Backlighting
• General/Industrial/Automotive Lighting




Similar Part No. - ISL97686

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Intersil Corporation
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686IBZ RENESAS-ISL97686IBZ Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
ISL97686IBZ-EVAL1Z RENESAS-ISL97686IBZ-EVAL1Z Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
More results


Similar Description - ISL97686

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Kinetic Technologies.
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com