Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97698 Datasheet (PDF) - Intersil Corporation

ISL97698 Datasheet PDF - Intersil Corporation
Part # ISL97698
Download  ISL97698 Download
File Size   722.6 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficient 2-Channel White LED Driver for Smartphone Backlighting

ISL97698 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97698 Datasheet PDF - Intersil Corporation

Part # ISL97698
Download  ISL97698 Click to download

File Size   722.6 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficient 2-Channel White LED Driver for Smartphone Backlighting

ISL97698 Datasheet (HTML) - Intersil Corporation


ISL97698 Product details

The ISL97698 is a highly integrated 2-channel LED driver for
white LED (WLED) backlit TFT-LCD panels. The device is
comprised of a synchronous boost converter and two low-side
current sinks that are capable of driving an output voltage up
to 23.5V and 25mA LED current, per string. The IC operates
from an input supply of 2.5V to 5.5V.
The driver features Dynamic Headroom Control that monitors
the highest LED forward voltage string to determine the
requested boost output voltage. With a controlled low 70mV
headroom voltage and low 0.35mA IC supply current, the
device provides very high efficiency.
The ISL97698 offers 8-bit linear or 11-bit logarithmic
controlled analog output current, with dimming control from a
PWM, SWIRE, or I2C interface. Internally, the PWM duty cycle,
SWIRE, and I2C digital inputs are converted to a DC LED
current. This analog dimming scheme provides high efficiency
and eliminates audible noise and PWM dimming related EMI
concerns. The ISL97698 also features Content Adaptive
Backlight Control (CABC), which uses the product of the PWM
and SWIRE, or PWM and I2C, or SWIRE and I2C inputs to
determine the LED string current. The I2C interface is also
used for configuration settings and fault detection. The
ISL97698 incorporates various protections including: open
circuit, short circuit, and thermal shutdown.
The device is offered in a 1.39mmx 1.69mm, 3x4 array
WLCSP package. It is specified for operation over the -40°C to
+85°C ambient temperature range

Features
• High Efficiency Operation:
- Up to 91% with 2P4S configuration
- Up to 90% with 2P6S configuration
• Extremely Low Supply Current (0.35mA)
• Dynamic Headroom Control
- Very low headroom voltage (70mV)
• 20mm2 Total Solution PCB Area
- Only three external components required
• Analog Dimming Control by PWM, SWIRE, or I2C
• 8-bit Linear or 11-bit Logarithmic Analog Output Current
Control
• Content Adaptive Backlight Control (CABC)
• Input Voltage from 2.5V to 5.5V
• 23.5V Maximum Output Voltage
• Drives 50µA to 25mA LED Strings
• Open Circuit and Short Circuit Fault Protection
• 12 Bump, 0.4mm Pitch Chip Scale Package

Applications
• WLED backlit LCD displays for Smartphones, digital
cameras, GPS, etc.




Similar Part No. - ISL97698

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97698 RENESAS-ISL97698 Datasheet
1Mb / 21P
High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
ISL97698IIZ-T RENESAS-ISL97698IIZ-T Datasheet
1Mb / 21P
High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
More results


Similar Description - ISL97698

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
logo
Renesas Technology Corp
ISL97698 RENESAS-ISL97698 Datasheet
1Mb / 21P
High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com