Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2005 Datasheet (PDF) - Intersil Corporation

ZL2005 Datasheet PDF - Intersil Corporation
Part # ZL2005
Download  ZL2005 Download
File Size   816.74 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital-DC??Integrated Power Management and Conversion IC

ZL2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2005 Datasheet PDF - Intersil Corporation

Part # ZL2005
Download  ZL2005 Click to download

File Size   816.74 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital-DC??Integrated Power Management and Conversion IC

ZL2005 Datasheet (HTML) - Intersil Corporation


ZL2005 Product details

Description
The ZL2005 is an innovative mixed-signal power
management and conversion IC that combines a compact, efficient, synchronous DC/DC buck controller,
adaptive drivers and key power and thermal management functions in one IC, providing flexibility and
scalability while decreasing board space requirements
and design complexity. Zilker Labs’ Digital-DC technology enables a unique blend of performance and
features not available in either traditional analog or
newer digital approaches, resolving the issues associated with providing multiple, low-voltage power
domains on a single PCB.
The ZL2005 is designed to be a flexible building block
for DC power and can be easily adapted to designs
ranging from a single-phase power supply operating
from a 3.3 V input to a multi-phase supply operating
from a 12 V input. The ZL2005 eliminates the need
for complicated power supply managers as well as
numerous external discrete components.
All operating features can be configured by simple
pin-strap selection, resistor selection or through the
on-board serial port. The PMBus™-compliant
ZL2005 uses the SMBus™ serial interface for communication with other Digital-DC products or a host
controller.

Features
Power Management
• Digital soft start/stop
• Precision delay and ramp-up
• Power good/enable
• Voltage tracking, sequencing and margining
• Voltage/current/temperature monitoring
• I2
C/SMBus communication
• Output overvoltage and overcurrent protection
• PMBus compliant
Power Conversion
• Efficient synchronous buck controller
• 3 V to 14 V input range
• 0.6 V to 5.5 V output range
• ± 1% output accuracy
• Internal 3 A drivers support >30 A power stage
• Fast load transient response
• Phase interleaving
• RoHS compliant (6 x 6 mm) QFN package

Applications
• Servers/storage equipment
• Telecom/datacom equipment
• Power supplies (memory, DSP, ASIC, FPGA)
• Point of load converters




Similar Part No. - ZL2005

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
Digital-DC??Integrated Power Management and Conversion IC
February 18, 2009
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
474Kb / 39P
Digital-DC??Integrated Power Management and Conversion IC
February 18, 2009
ZL2005ALNFT1 INTERSIL-ZL2005ALNFT1 Datasheet
474Kb / 39P
Digital-DC??Integrated Power Management and Conversion IC
February 18, 2009
ZL2005P INTERSIL-ZL2005P Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
More results


Similar Description - ZL2005

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATC210 ARTESYN-ATC210 Datasheet
487Kb / 16P
Integrated Power Conversion and Power Management Solution
logo
Freescale Semiconductor...
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
Multiple Channel DC-DC Power Management IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
Digital-DC??Integrated Power Management and Conversion IC
February 18, 2009
logo
Freescale Semiconductor...
34704 FREESCALE-34704_09 Datasheet
1Mb / 49P
Multiple Channel DC-DC Power Management IC
34704 FREESCALE-34704_11 Datasheet
1Mb / 54P
Multiple Channel DC-DC Power Management IC
900844 FREESCALE-900844 Datasheet
5Mb / 118P
Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
Digital-DC??Integrated Power Management and Conversion IC
logo
SHENZHEN FUMAN ELECTRON...
FM3310 FUMAN-FM3310 Datasheet
253Kb / 10P
Built-in MCU/Digital Display Fully Integrated Mobile Power Management IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com