Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL6100ALAF Datasheet (PDF) - Intersil Corporation

ZL6100ALAF Datasheet PDF - Intersil Corporation
Part # ZL6100ALAF
Download  ZL6100ALAF Download
File Size   803.56 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Adaptive Digital DC/DC Controller with Drivers and Current Sharing

ZL6100ALAF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL6100ALAF Datasheet PDF - Intersil Corporation

Part # ZL6100ALAF
Download  ZL6100ALAF Click to download

File Size   803.56 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Adaptive Digital DC/DC Controller with Drivers and Current Sharing

ZL6100ALAF Datasheet (HTML) - Intersil Corporation


ZL6100ALAF Product details

ZL6100 is a digital power controller with integrated MOSFET
drivers. Current sharing allows multiple devices to be
connected in parallel to source loads with very high current
demands. Adaptive performance optimization algorithms
improve power conversion efficiency across the entire load
range. Zilker Labs Digital-DC™ technology enables a blend
of power conversion performance and power management
features.
The ZL6100 is designed to be a flexible building block for DC
power and can be easily adapted to designs ranging from a
single-phase power supply operating from a 3.3V input to a
multi-phase supply operating from a 12V input. The ZL6100
eliminates the need for complicated power supply managers
as well as numerous external discrete components.
All operating features can be configured by simple
pin-strap/resistor selection or through the SMBus™ serial
interface. The ZL6100 uses the PMBus™ protocol for
communication with a host controller and the Digital-DC bus
for communication between other Zilker Labs devices.

Features
Power Conversion
• Efficient Synchronous Buck Controller
• Adaptive Light Load Efficiency Optimization
• 3V to 14V Input Range
• 0.54V to 5.5V Output Range (with Margin)
• ±1% Output Voltage Accuracy
• Internal 3A MOSFET Drivers
• Fast Load Transient Response
• Current Sharing and Phase Interleaving
• Snapshot™ Parameter Capture
• 36 Ld 6mmx6mm QFN Package
• Pb-Free (RoHS Compliant)
Power Management
• Digital Soft-start/stop
• Precision Delay and Ramp-up
• Power-Good/Enable
• Voltage Tracking, Sequencing and Margining
• Voltage/Current/Temperature Monitoring
• I2C/SMBus Interface (PMBus Compatible)
• Output Voltage and Current Protection
• Internal Non-volatile Memory (NVM)

Applications
• Servers/Storage Equipment
• Telecom/Datacom Equipment
• Power Supplies (Memory, DSP, ASIC, FPGA)




Similar Part No. - ZL6100ALAF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
540Kb / 33P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
September 8, 2009
logo
Renesas Technology Corp
ZL6100ALAF RENESAS-ZL6100ALAF Datasheet
1Mb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
More results


Similar Description - ZL6100ALAF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
September 8, 2009
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
logo
Renesas Technology Corp
ZL2004 RENESAS-ZL2004 Datasheet
1Mb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
ZL2006 RENESAS-ZL2006 Datasheet
1Mb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
ZL6100 RENESAS-ZL6100 Datasheet
1Mb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com