Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL99201 Datasheet (PDF) - Intersil Corporation

ISL99201 Datasheet PDF - Intersil Corporation
Part # ISL99201
Download  ISL99201 Download
File Size   383.58 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Filterless High Efficiency 1.5W Class D Mono Amplifier

ISL99201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99201 Datasheet PDF - Intersil Corporation

Part # ISL99201
Download  ISL99201 Click to download

File Size   383.58 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Filterless High Efficiency 1.5W Class D Mono Amplifier

ISL99201 Datasheet (HTML) - Intersil Corporation


ISL99201 Product details

The ISL99201 is a fully integrated high efficiency class-D
mono amplifier. It is designed to maximize performance for
mobile phone applications. The application circuit requires a
minimum requirement of external components and operates
from a 2.4V to 5.5V input supply. It is capable of delivering
1.4W of continuous output power with less than 1% THD+N
driving a 8Ω load from a 5V supply.
The ISL99201 features a high-efficiency, low-noise
modulation scheme. It operates with 86% efficiency at
400mW into 8Ω and has a signal-to-noise ratio (SNR) that is
better than 95dB. The ISL99201 has a micro-power
shutdown mode with a typical shutdown current of 200nA.
Shutdown is enabled by applying a logic low to the SD pin.
The architecture of the devices allows it to achieve very low
level of pop-and-click. This minimizes voltage glitches at the
output during turn-on and turn-off, thus reducing audible
noise on activation and deactivation.
The fully differential input of the ISL99201 provides excellent
rejection of common mode noise on the input typically 75dB.
EMI suppression is achieved by SRC (Slew Rate Control).
The ISL99201 oscillator can be synchronized to an external
clock through the SYNC input, allowing the switching
frequency to be externally defined. The SYNC input also
allows multiple ISL99201 to be cascaded and frequency
locked; minimizing interference due to clock intermodulation.
The ISL99201 also has excellent rejection of power supply
noise, including noise caused by GSM transmission bursts
and RF rectification. PSRR is typically 75dB at 217Hz. There
will be 4 versions of the part; they will consist of three fixed
gain settings (6dB, 9. 6dB, 12dB) and one user
programmable gain setting (need external resistors).
The ISL99201 has built-in thermal shutdown and output
short-circuit protection.

Features
• Filterless class D with efficiency > 86% at 400mW
• Click-pop suppression
• Slew rate control
• Spread spectrum switching
• Optional SYNC pin for master/slave operation without
interface
• 1.4W into 8Ω with less than 1% THD+N
• 2.4V to 5.5V single supply voltage
• Built-in resistors to reduce board component count
• Only one external component required (Fixed gain mode)
• Short circuit and thermal protection
• Gain programmable 6dB, 9.6dB, 12dB and User
programmable
• Pb-Free (RoHS compliant)

Applications
• Mobile phones
• MP3 players
• Portable gaming
• Portable electronics
• Educational toys




Similar Part No. - ISL99201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99201 INTERSIL-ISL99201 Datasheet
377Kb / 13P
Filterless High Efficiency 1.5W Class D Mono Amplifier
February 27, 2009
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
Filterless High Efficiency 1.5W Class D Mono Amplifier
logo
Intersil Corporation
ISL99201IIAZ-T INTERSIL-ISL99201IIAZ-T Datasheet
377Kb / 13P
Filterless High Efficiency 1.5W Class D Mono Amplifier
February 27, 2009
ISL99201IIAZ-TK INTERSIL-ISL99201IIAZ-TK Datasheet
377Kb / 13P
Filterless High Efficiency 1.5W Class D Mono Amplifier
February 27, 2009
ISL99201IIBZ-T INTERSIL-ISL99201IIBZ-T Datasheet
377Kb / 13P
Filterless High Efficiency 1.5W Class D Mono Amplifier
February 27, 2009
More results


Similar Description - ISL99201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
logo
Intersil Corporation
ISL99201 INTERSIL-ISL99201 Datasheet
377Kb / 13P
Filterless High Efficiency 1.5W Class D Mono Amplifier
February 27, 2009
logo
Analog Devices
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
Filterless High Efficiency 1.5W Class D Mono Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com