Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2920A Datasheet (PDF) - Micrel Semiconductor

MIC2920A Datasheet PDF - Micrel Semiconductor
Part # MIC2920A
Download  MIC2920A Download
File Size   131.2 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 400mA Low-Dropout Voltage Regulator

MIC2920A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2920A Datasheet PDF - Micrel Semiconductor

Part # MIC2920A
Download  MIC2920A Click to download

File Size   131.2 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 400mA Low-Dropout Voltage Regulator

MIC2920A Datasheet (HTML) - Micrel Semiconductor


MIC2920A Product details

General Description

The MIC2920A family are “bulletproof,” efficient voltage regulators with very low dropout voltage (typically 40mV at light loads and 370mV at 250mA), and very low quiescent current (140µA typical). The quiescent current of the MIC2920A in creases only slightly in dropout, prolonging battery life. Key MIC2920A features include protection against reversed bat tery, fold-back current limiting, and automotive “load dump” protection (60V positive transient).



Features

• High output voltage accuracy

• Guaranteed 400mA output

• Low quiescent current

• Low dropout voltage

• Extremely tight load and line regulation

• Very low temperature coefficient

• Current and thermal limiting

• Input withstands –20V reverse battery and 60V positive transients

• Error flag warns of output dropout

• Logic-controlled electronic shutdown

• Output programmable from 1.24V to 26V (MIC29202/MIC29204)

• Available in TO-220-3, TO-220-5, and surface-mount TO-263-5, SOT-223, and SO-8 packages.



Applications

• Battery-powered equipment

• Cellular telephones

• Laptop, notebook, and palmtop computers

• PCMCIA VCC and VPP regulation/switching

• Bar code scanners

• Automotive electronics

• SMPS post-regulators

• Voltage reference

• High-efficiency linear power supplies



 




Similar Part No. - MIC2920A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
MIC2920A-12BS MICREL-MIC2920A-12BS Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
MIC2920A-12BS MICREL-MIC2920A-12BS Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
MIC2920A-12BT MICREL-MIC2920A-12BT Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
MIC2920A-12BT MICREL-MIC2920A-12BT Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results


Similar Description - MIC2920A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com