Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC38HC42 Datasheet (PDF) - Micrel Semiconductor

MIC38HC42 Datasheet PDF - Micrel Semiconductor
Part # MIC38HC42
Download  MIC38HC42 Download
File Size   74.02 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description BiCMOS 1A Current-Mode PWM Controllers

MIC38HC42 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC38HC42 Datasheet PDF - Micrel Semiconductor

Part # MIC38HC42
Download  MIC38HC42 Click to download

File Size   74.02 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description BiCMOS 1A Current-Mode PWM Controllers

MIC38HC42 Datasheet (HTML) - Micrel Semiconductor


MIC38HC42 Product details

General Description

The MIC38HC4x family are fixed frequency current-mode PWM controllers with 1A drive current capability. Micrel’s BiCMOS devices are pin-compatible with 384x bipolar devices. Their high output drive, with fast rise and fall times, combined with low startup current make it an ideal PWM controller where high efficiency is required.

Undervoltage lockout circuitry allows the ’42 and ’44 versions to start up at 14.5V and operate down to 9V, and the ’43 and ’45 versions start at 8.4V with operation down to 7.6V. All versions operate up to 20V.

When compared to bipolar UC384x devices operating from a 15V supply, start-up current has been reduced to 50µA typical and operating current has been reduced to 4.0 mA typical. Decreased output rise and fall times drive larger MOSFETs, and rail-to-rail output capability increases efficiency, especially at lower supply voltages. The MIC38HC4x also features a trimmed oscillator discharge current and bandgap reference.



Features

• Fast 20ns output rise and 15ns output fall times

• –40°C to +85°C temperature range exceeds UC284x specifications

• High-performance, low-power BiCMOS Process

• Ultralow start-up current (50µA typical)

• Low operating current (4mA typical)

• High output drive (1A peak current, HC version)

• CMOS outputs with rail-to-rail swing

• Current-mode operation up to 500kHz

• Trimmed 5V bandgap reference

• Pin-for-pin compatible with UC3842/3843/3844/3845(A)

• Trimmed oscillator discharge current

• UVLO with hysteresis

• Low cross-conduction currents



Applications

• Current-mode, off-line, switched-mode power supplies

• Current-mode, dc-to-dc converters.

• Step-down “buck” regulators

• Step-up “boost” regulators

• Flyback, isolated regulators

• Forward converters

• Synchronous FET converters



 




Similar Part No. - MIC38HC42

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42-1BM MICREL-MIC38HC42-1BM Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42-1BM MICREL-MIC38HC42-1BM Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42-1BN MICREL-MIC38HC42-1BN Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
More results


Similar Description - MIC38HC42

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com