Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39100 Datasheet (PDF) - Micrel Semiconductor

MIC39100 Datasheet PDF - Micrel Semiconductor
Part # MIC39100
Download  MIC39100 Download
File Size   102.47 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1A Low-Voltage Low-Dropout Regulator

MIC39100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC39100 Datasheet PDF - Micrel Semiconductor

Part # MIC39100
Download  MIC39100 Click to download

File Size   102.47 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1A Low-Voltage Low-Dropout Regulator

MIC39100 Datasheet (HTML) - Micrel Semiconductor


MIC39100 Product details

General Description

The MIC39100, MIC39101, and MIC39102 are 1A low-dropout linear voltage regulators that provide low-voltage, high-current output from an extremely small package. Utilizing Micrel’s proprietary Super βeta PNP™ pass element, the MIC39100/1/2 offers extremely low dropout (typically 410mV at 1A) and low ground current (typically 11mA at 1A).



Features

•  Fixed and adjustable output voltages to 1.24V

•  410mV typical dropout at 1A

  Ideal for 3.0V to 2.5V conversion

  Ideal for 2.5V to 1.8V conversion

•  1A minimum guaranteed output current

•  1% initial accuracy

•  Low ground current

•  Current limiting and thermal shutdown

•  Reversed-battery protection

•  Reversed-leakage protection

•  Fast transient response

•  Low-profile SOT-223 package

•  Power SO-8 package



Applications

•  LDO linear regulator for PC add-in cards

•  PowerPC™ power supplies

•  High-efficiency linear power supplies

•  SMPS post regulator

•  Multimedia and PC processor supplies

•  Battery chargers

•  Low-voltage microcontrollers and digital logic



 




Similar Part No. - MIC39100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
MIC39100-1.8BS MICREL-MIC39100-1.8BS Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
MIC39100-1.8WS MICREL-MIC39100-1.8WS Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
MIC39100-2.5BS MICREL-MIC39100-2.5BS Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
MIC39100-2.5WS MICREL-MIC39100-2.5WS Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
More results


Similar Description - MIC39100

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com