Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4043 Datasheet (PDF) - Micrel Semiconductor

MIC4043 Datasheet PDF - Micrel Semiconductor
Part # MIC4043
Download  MIC4043 Download
File Size   3293.4 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Voltage Secondary-Side Shunt Regulator

MIC4043 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4043 Datasheet PDF - Micrel Semiconductor

Part # MIC4043
Download  MIC4043 Click to download

File Size   3293.4 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Voltage Secondary-Side Shunt Regulator

MIC4043 Datasheet (HTML) - Micrel Semiconductor


MIC4043 Product details

General Description
The MIC4043 is a shunt regulator optimized for secondaryside regulation in low-voltage power supplies. Featuring an output stage guaranteed to swing within 400mV of ground, the MIC4043 can be used in power supplies operating down to 1.8V, even with optoisolators requiring greater than 1.2V of headroom.

Features
• Ideal for 1.8V switching converters
• Low-voltage operation
    400mV maximum saturation over
    operating temperature range
• Easy to use
    voltage in, current out
• 2% voltage tolerance over operating temperature range

Applications
• Optically isolated low-volage power supplies
• Low-voltage discrete regulator control




Similar Part No. - MIC4043

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4043 MIC-MIC4043 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator Final Information
MIC4043BM4 MIC-MIC4043BM4 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Micrel Semiconductor
MIC4043BM4 MICREL-MIC4043BM4 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator
logo
MIC GROUP RECTIFIERS
MIC4043YM4 MIC-MIC4043YM4 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Micrel Semiconductor
MIC4043YM4 MICREL-MIC4043YM4 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator
More results


Similar Description - MIC4043

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Analog Microelectronics
AME4311 AME-AME4311 Datasheet
135Kb / 8P
Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
MIC GROUP RECTIFIERS
MIC4043 MIC-MIC4043_11 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Micrel Semiconductor
MIC4043 MICREL-MIC4043_02 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator
MIC4043 MICREL-MIC4043_14 Datasheet
1Mb / 14P
Low-Voltage, Secondary-Side Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com