Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4544 Datasheet (PDF) - Intersil Corporation

EL4544 Datasheet PDF - Intersil Corporation
Part # EL4544
Download  EL4544 Download
File Size   1264.31 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes

EL4544 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4544 Datasheet PDF - Intersil Corporation

Part # EL4544
Download  EL4544 Click to download

File Size   1264.31 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes

EL4544 Datasheet (HTML) - Intersil Corporation


EL4544 Product details

The EL4544 is a high bandwidth 16-channel differential RGB
to 5-channel RGB single-ended RGB-HV video crosspoint
switch with embedded sync extraction. There are four
16-Channel input muxes, each capable of receiving a
complete RGB video signal, and five output muxes, each
capable of “seeing” any one of the four RGB inputs.
Additionally, the fifth input mux has an overlay “screen on
screen” function that can be displayed in conjunction with
any of the stacked RGB inputs.
The EL4544 has a fast disable feature to reduce power
consumption. The device also provides a presence of signal
indicator by looking for syncs on a designated channel.

Features
• Serial programming of switch array
• Parallel or serial modes
• High Z output disable
• Drives 150Ω loads
• 60MHz 0.1dB gain flatness
• -3dB bandwidth of 300MHz
• Crosstalk rejection: 75dB @ 100MHz
• Channels settle to 5% within 10ns after overlay switching
• 356 pin PBGA packaging
• Pb-free (RoHS compliant)

Applications
• Video switching




Similar Part No. - EL4544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
August 1, 2005
EL4544 INTERSIL-EL4544 Datasheet
783Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544 INTERSIL-EL4544 Datasheet
816Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
December 21, 2007
logo
Renesas Technology Corp
EL4544 RENESAS-EL4544 Datasheet
1Mb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
870Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
August 1, 2005
More results


Similar Description - EL4544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
August 1, 2005
EL4544 INTERSIL-EL4544_07 Datasheet
783Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
December 21, 2007
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
Fully differential and single-ended modes
REV. C
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
Fully differential and single-ended modes
REV. 0
logo
Renesas Technology Corp
EL4544 RENESAS-EL4544 Datasheet
1Mb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com