Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4467 Datasheet (PDF) - Micrel Semiconductor

MIC4467 Datasheet PDF - Micrel Semiconductor
Part # MIC4467
Download  MIC4467 Download
File Size   80.04 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS

MIC4467 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4467 Datasheet PDF - Micrel Semiconductor

Part # MIC4467
Download  MIC4467 Click to download

File Size   80.04 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS

MIC4467 Datasheet (HTML) - Micrel Semiconductor


MIC4467 Product details

General Description

The MIC4467/8/9 family of 4-output CMOS buffer/drivers is an expansion from the earlier single- and dual-output drivers, to which they are functionally closely related. Because pack age pin count permitted it, each driver has been equipped with a 2-input logic gate for added flexibility. Placing four high power drivers in a single package also improves system reliability and reduces total system cost.



Features

• Built using reliable, low power CMOS processes

• Latchproof. Withstands 500mA Inductive Kickback

• 3 Input Logic Choices

• Symmetrical Rise and Fall Times .......................... 25ns

• Short, Equal Delay Times ...................................... 75ns

• High Peak Output Current ...................................... 1.2A

• Wide Operating Range .................................. 4.5 to 18V

• Low Equivalent Input Capacitance (typ) .................. 6pF

• Inputs = Logic 1 for Any Input From 2.4V to VS

• ESD Protected



Applications

• General-Purpose CMOS Logic Buffer

• Driving All 4 MOSFETs in an H-Bridge

• Direct Small-Motor Driver

• Relay or Peripheral Drivers

• Dual Differential Output Power Drivers

• CCD Driver

• Pin-Switching Network Driver




Similar Part No. - MIC4467

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467YWM MICROCHIP-MIC4467YWM Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467YWM-TR MICROCHIP-MIC4467YWM-TR Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467ZN MICROCHIP-MIC4467ZN Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results


Similar Description - MIC4467

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4467 MICREL-MIC4467_05 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com