Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL9111 Datasheet (PDF) - Intersil Corporation

EL9111 Datasheet PDF - Intersil Corporation
Part # EL9111
Download  EL9111 Download
File Size   579.57 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Differential Receiver/Equalizer

EL9111 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL9111 Datasheet PDF - Intersil Corporation

Part # EL9111
Download  EL9111 Click to download

File Size   579.57 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Differential Receiver/Equalizer

EL9111 Datasheet (HTML) - Intersil Corporation


EL9111 Product details

The EL9111 and EL9112 are triple channel differential
receivers and equalizers. They contains three high speed
differential receivers with five programmable poles. The
outputs of these pole blocks are then summed into an output
buffer. The equalization length is set with the voltage on a
single pin. Using the Enable pin on the EL9111 and EL9112,
the outputs can be placed into a high impedance state
enabling multiple devices to be connected in parallel and
used in a multiplexing application.
The gain can be adjusted up or down on each channel by 6dB
using its VGAIN control signal. In addition, a further 6dB of gain
can be switched in to provide a matched drive into a cable.
The EL9111 and EL9112 have a bandwidth of 150MHz and
consume just 108mA on ±5V supply. A single input voltage is
used to set the compensation levels for the required length
of cable.
The EL9111 is a special version of the EL9112 that decodes
syncs encoded onto the common modes of three pairs of
CAT-5 cable by the EL4543. (Refer to the EL4543 datasheet
for details.)
The EL9111 and EL9112 are available in a 28 Ld QFN
package and are specified for operation over the full -40°C to
+85°C temperature range.

Features
• 150MHz -3dB bandwidth
• CAT-5 compensation
- 50MHz @ 1000 ft
- 125MHz @ 500 ft
• 108mA supply current
• Differential input range 3.2V
• Common mode input range -4V to +3.5V
• ±5V supply
• Output to within 1.5V of supplies
• Available in 28 Ld QFN package
• Pb-free plus anneal available (RoHS compliant)

Applications
• Twisted-pair receiving/equalizer
• KVM (Keyboard/Video/Mouse)
• VGA over twisted-pair
• Security video




Similar Part No. - EL9111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
EL9111 INTERSIL-EL9111 Datasheet
576Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
EL9111IL INTERSIL-EL9111IL Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
EL9111IL INTERSIL-EL9111IL Datasheet
573Kb / 13P
Triple Differential Receiver/Equalizer
September 19, 2006
More results


Similar Description - EL9111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
Differential Receiver/Equalizer
July 15, 2005
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
Triple Differential Receiver/Equalizer
September 19, 2006
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
Differential Receiver/Equalizer
November 30, 2007
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
Differential Receiver/Equalizer
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com