Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5205 Datasheet (PDF) - Micrel Semiconductor

MIC5205 Datasheet PDF - Micrel Semiconductor
Part # MIC5205
Download  MIC5205 Download
File Size   99.92 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Noise LDO Regulator

MIC5205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5205 Datasheet PDF - Micrel Semiconductor

Part # MIC5205
Download  MIC5205 Click to download

File Size   99.92 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Noise LDO Regulator

MIC5205 Datasheet (HTML) - Micrel Semiconductor


MIC5205 Product details

General Description

The MIC5205 is an efficient linear voltage regulator with ultra low-noise output, very low dropout voltage (typically 17mV at light loads and 165mV at 150mA), and very low ground current (600µA at 100mA output). The MIC5205 offers better than 1% initial accuracy.

Designed especially for hand-held, battery-powered devices, the MIC5205 includes a CMOS or TTL compatible enable/shutdown control input. When shutdown, power consumption drops nearly to zero. Regulator ground current increases only slightly in dropout, further prolonging battery life.



Features

• Ultra-low-noise output

• High output voltage accuracy

• Guaranteed 150mA output

• Low quiescent current

• Low dropout voltage

• Extremely tight load and line regulation

• Very low temperature coefficient

• Current and thermal limiting

• Reverse-battery protection

• “Zero” off-mode current

• Logic-controlled electronic enable



Applications

• Cellular telephones

• Laptop, notebook, and palmtop computers

• Battery-powered equipment

• PCMCIA VCC and VPP regulation/switching

• Consumer/personal electronics

• SMPS post-regulator/dc-to-dc modules

• High-efficiency linear power supplies



 




Similar Part No. - MIC5205

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
More results


Similar Description - MIC5205

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com