Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22326WM Datasheet (PDF) - Intersil Corporation

ISL22326WM Datasheet PDF - Intersil Corporation
Part # ISL22326WM
Download  ISL22326WM Download
File Size   103.21 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C® Bus, 128 Taps

ISL22326WM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22326WM Datasheet PDF - Intersil Corporation

Part # ISL22326WM
Download  ISL22326WM Click to download

File Size   103.21 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C® Bus, 128 Taps

ISL22326WM Datasheet (HTML) - Intersil Corporation


ISL22326WM Product details

The ISL22326WMVEP integrates two digitally controlled
potentiometers (XDCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I
2C bus interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up, the device recalls the contents of the two
DCP’s IVR to the corresponding WRs.
The DCPs can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments and
signal processing.

Features
• Specifications per DLA VID V62/08604-01XE
• Full Mil-Temp Electrical Performance from -55°C to +125°C
• Controlled Baseline with One Wafer Fabrication Site and
One Assembly/Test Site
• Full Homogeneous Lot Processing in Wafer Fab
• No Combination of Wafer Fabrication Lots in Assembly
• Full Traceability Through Assembly and Test by
Date/Trace Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
• Eliminates Need for Up-Screening a COTS Component
• Two Potentiometers in One Package
• 128 Resistor Taps
• I2C Serial Interface
- Three Address Pins, Up To Eight Devices/Bus
• Non-volatile Storage of Wiper Position
• Wiper Resistance: 70Ω Typical @ 3.3V
• Shutdown Mode
• Shutdown Current 5µA Max
• Power Supply: 2.7V to 5.5V
• 10kΩ Total Resistance
• High Reliability
- Endurance: 1,000,000 Data Changes Per Bit Per
Register
- Register Data Retention:
- 10 years @ T ≤ +125°C
- 15 years @ T ≤ +90°C
- 50 years @ T ≤ +55°C
• 14 Ld TSSOP




Similar Part No. - ISL22326WM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22326WM INTERSIL-ISL22326WM Datasheet
103Kb / 3P
Full Homogeneous Lot Processing in Wafer Fab
November 11, 2011
logo
Renesas Technology Corp
ISL22326WM RENESAS-ISL22326WM Datasheet
205Kb / 3P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
November 11, 2011
logo
Intersil Corporation
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
Full Homogeneous Lot Processing in Wafer Fab
November 11, 2011
logo
Renesas Technology Corp
ISL22326WMVEP RENESAS-ISL22326WMVEP Datasheet
205Kb / 3P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
November 11, 2011
More results


Similar Description - ISL22326WM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com