Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59601 Datasheet (PDF) - Intersil Corporation

ISL59601 Datasheet PDF - Intersil Corporation
Part # ISL59601
Download  ISL59601 Download
File Size   2775.99 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)

ISL59601 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59601 Datasheet PDF - Intersil Corporation

Part # ISL59601
Download  ISL59601 Click to download

File Size   2775.99 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)

ISL59601 Datasheet (HTML) - Intersil Corporation


ISL59601 Product details

The ISL59601, ISL59602, ISL59603, ISL59604, and
ISL59605 (the “MegaQ™” product family) are single-channel
adaptive equalizers designed to automatically compensate for
long runs of Cat 5/6 or RG-59 cable, producing high quality
video output with no user interaction. The ISL59601 equalizes
Cat 5/6 up to a distance of 1000 feet (300 meters), while the
ISL59605 equalizes up to 5300 feet (1600 meters).
MegaQ™ compensates for high frequency cable losses of up to
60dB (ISL59605) at 5MHz as well as source amplitude
variations up to ±3dB.
The ISL59601, ISL59602, ISL59603, ISL59604, and
ISL59605 operate from a single +5V supply. Inputs are
AC-coupled and internally DC-restored. The output can drive
2VP-P into two source-terminated 75Ω loads (AC-coupled or
DC-coupled).

Features
• ISL59605 Equalizes Up to 1 Mile (1600m) of Cat 5/6 and Up
to 6000 Feet (1800m) of RG-59
• Fully Automatic, Stand-Alone Operation - No User
Adjustment Required
• ±8kV ESD Protection on All Inputs
• Automatic Cable Type Compensation
• Compatible with Color or Monochrome, NTSC or PAL Signals
• Automatic Polarity Detection and Inversion
• Compensates for ±3dB Source Variation (in Addition to
Cable Losses)
• Optional Serial Interface Adds Additional Functionality
• 5MHz -3dB Bandwidth
• Works with Single-Ended or Differential Inputs
• Output Drives Up to Two 150Ω Video Loads

Applications
• Surveillance Video
• Video Distribution




Similar Part No. - ISL59601

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
November 23, 2010
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
4Mb / 27P
MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
November 23, 2010
logo
Renesas Technology Corp
ISL59601IRZ RENESAS-ISL59601IRZ Datasheet
3Mb / 28P
MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ-T7 INTERSIL-ISL59601IRZ-T7 Datasheet
4Mb / 27P
MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
November 23, 2010
More results


Similar Description - ISL59601

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
Adaptive Video Cable Equalizer (SOIC)
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
Adaptive Video Cable Equalizer
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
Adaptive Video Cable Equalizer
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Intersil Corporation
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
November 23, 2010
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com