Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC915 Datasheet (PDF) - Micrel Semiconductor

MIC915 Datasheet PDF - Micrel Semiconductor
Part # MIC915
Download  MIC915 Download
File Size   142.23 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 135MHz Low-Power Op Amp

MIC915 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC915 Datasheet PDF - Micrel Semiconductor

Part # MIC915
Download  MIC915 Click to download

File Size   142.23 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 135MHz Low-Power Op Amp

MIC915 Datasheet (HTML) - Micrel Semiconductor


MIC915 Product details

General Description
The MIC915 is a high-speed, unity-gain stable operational amplifier. It provides a gain-bandwidth product of 135MHz with a very low, 2.4mA supply current per op amp.

Features
• 135MHz gain bandwidth product
• 2.4mA supply current per op amp
• MSOP-10 package
• 270V/µs slew rate
• drives any capacitive load

Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers




Similar Part No. - MIC915

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC915 MICREL-MIC915 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC915YMM MICREL-MIC915YMM Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
More results


Similar Description - MIC915

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
Triple 135MHz Low-Power Op Amp
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
Low Power Dual OP AMP
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com