Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EPT21L Datasheet (PDF) - Micrel Semiconductor

SY100EPT21L Datasheet PDF - Micrel Semiconductor
Part # SY100EPT21L
Download  SY100EPT21L Download
File Size   87.08 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR

SY100EPT21L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EPT21L Datasheet PDF - Micrel Semiconductor

Part # SY100EPT21L
Download  SY100EPT21L Click to download

File Size   87.08 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR

SY100EPT21L Datasheet (HTML) - Micrel Semiconductor


SY100EPT21L Product details

DESCRIPTION
The SY100EPT21L is a single, differential LVPECL to-LVTTL translator using a single +3.3V power supply. Because low voltage positive ECL (LVPECL) levels are used, only +3.3V and ground are required. The small outline 8-pin SOIC package and low-skew, single-gate design make the EPT21L ideal for applications that require the translation of a clock or data signal where minimal space, low power, and low cost are critical. VBB allows a differential, single-ended, or AC-coupled interface to the device. If used, the VBB output should be bypassed to VCC with 0.01µF capacitor.
Under open input conditions, the /D will be biased at a VCC/2 voltage level and the D input will be pulled to ground. This condition will force the Q output low to provide added stability.

FEATURES
■ Guaranteed over the industrial temperature range: –40°C to +85°C
■ Pin-for-pin; plug-in replacement to MC100EPT21D/DT
■ 3.3V power supply
■ 1.9ns typical propagation delay
■ 275MHz fMAX (Clock)
■ Differential LVPECL inputs
■ 24mA LVTTL output
■ Flow-through pinout
■ Q output will default LOW with inputs open
■ VBB output
■ Available in 8-pin MSOP and SOIC packages

APPLICATIONS
■ ASIC/FPGA interface
■ Legacy interface
■ Precision differential-to-general purpose, single ended translation




Similar Part No. - SY100EPT21L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21LKC MICREL-SY100EPT21LKC Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21LKCTR MICREL-SY100EPT21LKCTR Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21LKG MICREL-SY100EPT21LKG Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21LKGTR MICREL-SY100EPT21LKGTR Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Similar Description - SY100EPT21L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
3.3V Dual Differential LVPECL to LVTTL Translator
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com