Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98002 Datasheet (PDF) - Intersil Corporation

ISL98002 Datasheet PDF - Intersil Corporation
Part # ISL98002
Download  ISL98002 Download
File Size   513.32 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Video Digitizer with Digital PLL

ISL98002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL98002 Datasheet PDF - Intersil Corporation

Part # ISL98002
Download  ISL98002 Click to download

File Size   513.32 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Video Digitizer with Digital PLL

ISL98002 Datasheet (HTML) - Intersil Corporation


ISL98002 Product details

The ISL98002 3-Channel, 8-bit Analog Front End (AFE)
contains all the functions necessary to digitize analog YPbPr
video signals and RGB graphics signals from DVD players,
digital VCRs, video set-top boxes, and personal computers.
This product family’s conversion rates support HDTV
resolutions up to 1080p and PC monitor resolutions up to
UXGA, while the front end's programmable input bandwidth
ensures sharp, clear images at all resolutions.
To maximize performance with the widest variety of video
sources, the ISL98002 features a fast-responding digital PLL
(DPLL), providing extremely low jitter with PC graphics signals
and quick recovery from VCR head switching with video
signals. Integrated HSYNC and SOG processing eliminate the
need for external slicers, sync separators, Schmitt triggers,
and filters.
Glitchless, automatic Macrovision®- compliance is obtained
by a digital Macrovision® detection function that detects and
automatically removes Macrovision® from the HSYNC
signal.
Ease of use is also emphasized with features such as the
elimination of PLL charge pump current/VCO range
programming and single-bit switching between RGB and
YPbPr signals. Automatic Black Level Compensation
(ABLC™) eliminates part-to-part offset variation, ensuring
perfect black level performance in every application.

Features
• 140MSPS and 170MSPS maximum conversion rates
• Glitchless Macrovision®-compliant sync separator
• Extremely fast recovery from VCR head switching
• Low PLL clock jitter (250ps peak-to-peak @ 170MSPS)
• 64 interpixel sampling positions
• 0.35VP-P to 1.4VP-P video input range
• Programmable bandwidth (100MHz to 780MHz)
• RGB 4:4:4 and YUV 4:2:2 output formats
• Low power (535mW @ 170MSPS)
• Small 10mmx10mm 72 Ld QFN package
• Completely independent 8-bit gain/10-bit offset control
• Pb-free (RoHS Compliant)

Applications
• Digital TVs
• Projectors
• Multifunction Monitors
• Digital KVM
• RGB Graphics Processing




Similar Part No. - ISL98002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
510Kb / 28P
Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98002CRZ-140 RENESAS-ISL98002CRZ-140 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98002CRZ-170 INTERSIL-ISL98002CRZ-170 Datasheet
510Kb / 28P
Triple Video Digitizer with Digital PLL
More results


Similar Description - ISL98002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
240MHz Triple Video Digitizer with Digital PLL
June 6, 2005
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
Triple Video Digitizer with Digital PLL
March 8, 2006
X98014 INTERSIL-X98014_06 Datasheet
440Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
Triple Video Digitizer with Digital PLL
August 20, 2007
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com