Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISLA118P50 Datasheet (PDF) - Intersil Corporation

ISLA118P50 Datasheet PDF - Intersil Corporation
Part # ISLA118P50
Download  ISLA118P50 Download
File Size   1329.5 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 500MSPS A/D Converter

ISLA118P50 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA118P50 Datasheet PDF - Intersil Corporation

Part # ISLA118P50
Download  ISLA118P50 Click to download

File Size   1329.5 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 500MSPS A/D Converter

ISLA118P50 Datasheet (HTML) - Intersil Corporation


ISLA118P50 Product details

The ISLA118P50 is a low-power, high-performance, 500MSPS
analog-to-digital converter designed with Intersil’s proprietary
FemtoCharge™ technology on a standard CMOS process. The
ISLA118P50 is part of a pin-compatible portfolio of 8, 10 and
12-bit A/Ds. This device an upgrade of the KAD551XP-50
product family and is pin similar.
The device utilizes two time-interleaved 250MSPS unit A/Ds to
achieve the ultimate sample rate of 500MSPS. A single 500MHz
conversion clock is presented to the converter, and all interleave
clocking is managed internally. The proprietary Intersil Interleave
Engine (I2E) performs automatic fine correction of offset, gain,
and sample time skew mismatches between the unit A/Ds to
optimize performance. No external interleaving algorithm is
required.
A serial peripheral interface (SPI) port allows for extensive
configurability of the A/D. The SPI also controls the interleave
correction circuitry, allowing the system to issue continuous
calibration commands as well as configure many dynamic
parameters.
Digital output data is presented in selectable LVDS or CMOS
formats. The ISLA118P50 is available in a 72-contact QFN
package with an exposed paddle. Performance is specified over
the full industrial temperature range (-40°C to +85°C).

Features
• 1.15GHz Analog Input Bandwidth
• 90fs Clock Jitter
• Automatic Fine Interleave Correction Calibration
• Multiple Chip Time Alignment Support via the Synchronous
Clock Divider Reset
• Programmable Gain, Offset and Skew Control
• Over-Range Indicator
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Test Patterns and Internal Temperature Sensor

Applications
• Radar and Electronic/Signal Intelligence
• Broadband Communications
• High-Performance Data Acquisition




Similar Part No. - ISLA118P50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
941Kb / 35P
8-Bit, 500MSPS A/D Converter
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
1Mb / 34P
8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
12-Bit, 500MSPS A/D Converter
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
8-Bit, 500MSPS A/D Converter
More results


Similar Description - ISLA118P50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
12-Bit, 500MSPS A/D Converter
January 16, 2009
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
941Kb / 35P
8-Bit, 500MSPS A/D Converter
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
10-Bit, 500MSPS A/D Converter
June 4, 2010
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
12-Bit, 500MSPS A/D Converter
August 1, 2011
ISLA118P50 INTERSIL-ISLA118P50_11 Datasheet
1Mb / 34P
8-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
12-Bit, 500MSPS A/D Converter
October 9, 2009
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
12-Bit, 500MSPS A/D Converter
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
8-Bit, 500MSPS A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com