Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet (PDF) - Intersil Corporation

KMB-001LEVALZ Datasheet PDF - Intersil Corporation
Part # KMB-001LEVALZ
Download  KMB-001LEVALZ Download
File Size   963.65 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 14-Bit, 125MSPS ADC

KMB-001LEVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
KMB-001LEVALZ Datasheet PDF - Intersil Corporation

Part # KMB-001LEVALZ
Download  KMB-001LEVALZ Click to download

File Size   963.65 Kbytes
Page   34 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 14-Bit, 125MSPS ADC

KMB-001LEVALZ Datasheet (HTML) - Intersil Corporation


KMB-001LEVALZ Product details

The ISLA214P12 is a high performance 14-bit 125MSPS
analog-to-digital converter offering very high dynamic range
and low power consumption. It carries the export control
classification number 3A991.c.3 and can be exported
without a license to most countries, including China and
Russia. It is part of a pin-compatible family of 12- to 16-bit
A/Ds with maximum sample rates ranging from 125 to
500MSPS. This allows a design using the ISLA214P12 to
accommodate any of the other pin-compatible A/Ds with
minimal changes.
The ISLA214P12 is very flexible and can be designed into a wide
variety of systems. A serial peripheral interface (SPI) port allows
access to its extensive configurability as well as provides digital
control over various analog parameters such as input gain and
offset. Digital output data is presented in selectable LVDS or
CMOS formats and can be configured as full-width, single data
rate (SDR) or half-width, double data rate (DDR). Operating from a
1.8V supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).

Features
• License-free Import for most countries including China and
Russia (ECCN 3A991.c.3).
• Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Multiple ADC Synchronization
- Optimized Output Timing
• Clock Duty Cycle Stabilizer
• Nap and Sleep Modes
• Programmable Built-in Test Patterns
• SDR/DDR LVDS-Compatible or LVCMOS Outputs
• Data Output Clock

Applications
• Radar Array Processing
• Software Defined Radio
• Broadband Communications
• High Performance Data Acquisition
• Communications Test Equipment




Similar Part No. - KMB-001LEVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KMB-001LEVALZ INTERSIL-KMB-001LEVALZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
KMB-001LEVALZ INTERSIL-KMB-001LEVALZ Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
logo
Renesas Technology Corp
KMB-001LEVALZ RENESAS-KMB-001LEVALZ Datasheet
1Mb / 34P
High Performance 14-Bit, 125MSPS ADC
KMB-001LEVALZ RENESAS-KMB-001LEVALZ Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
KMB-001LEVALZ RENESAS-KMB-001LEVALZ Datasheet
1Mb / 33P
High Performance Dual 14-Bit, 125MSPS ADC
Apr 8, 2024
More results


Similar Description - KMB-001LEVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
High Performance 12-Bit, 250/210/170/125MSPS ADC
December 5, 2008
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
14-Bit, 250/210/170/125MSPS ADC
March 4, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
High Performance 14-Bit, 125MSPS ADC
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
14-Bit, 250/210/170/125MSPS ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com