Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISLA214P Datasheet (PDF) - Intersil Corporation

ISLA214P Datasheet PDF - Intersil Corporation
Part # ISLA214P
Download  ISLA214P Download
File Size   1193.18 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14-Bit, 250MSPS/200MSPS/130MSPS ADC

ISLA214P Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA214P Datasheet PDF - Intersil Corporation

Part # ISLA214P
Download  ISLA214P Click to download

File Size   1193.18 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14-Bit, 250MSPS/200MSPS/130MSPS ADC

ISLA214P Datasheet (HTML) - Intersil Corporation


ISLA214P Product details

The ISLA214P is a series of low power, high performance
14-bit analog-to-digital converters. Designed with Intersil’s
proprietary FemtoCharge™ technology on a standard CMOS
process, the series supports sampling rates of up to 250MSPS.
The ISLA214P is part of a pin-compatible family of 12 to 16-bit
A/Ds with maximum sample rates ranging from 130MSPS to
500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters,
such as gain and offset. Digital output data is presented in
selectable LVDS or CMOS formats, and can be configured as
full-width, single data rate (SDR) or half-width, double data
rate (DDR). The ISLA214P is available in a 72-contact QFN
package with an exposed paddle. Operating from a 1.8V
supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).

Features
• Single supply 1.8V operation
• Clock duty cycle stabilizer
• 75fs clock jitter
• 700MHz bandwidth
• Programmable built-in test patterns
• Multi-ADC support
- SPI programmable fine gain and offset control
- Support for multiple ADC synchronization
- Optimized output timing
• Nap and sleep modes
- 200µs sleep wake-up time
• Data output clock
• SDR/DDR LVDS-compatible or LVCMOS outputs
• Selectable clock divider

Applications
• Radar array processing
• Software defined radios
• Broadband communications
• High-performance data acquisition
• Communications test equipment




Similar Part No. - ISLA214P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
1Mb / 25P
Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform
May 3, 2013
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
High Performance 14-Bit, 125MSPS ADC
More results


Similar Description - ISLA214P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
January 13, 2011
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
May 19, 2011
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
May 11, 2011
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
April 15, 2011
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
June 17, 2011
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com