Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISLA216P Datasheet (PDF) - Intersil Corporation

ISLA216P Datasheet PDF - Intersil Corporation
Part # ISLA216P
Download  ISLA216P Download
File Size   1010.62 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Bit, 250MSPS/200MSPS/130MSPS ADC

ISLA216P Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA216P Datasheet PDF - Intersil Corporation

Part # ISLA216P
Download  ISLA216P Click to download

File Size   1010.62 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Bit, 250MSPS/200MSPS/130MSPS ADC

ISLA216P Datasheet (HTML) - Intersil Corporation


ISLA216P Product details

The ISLA216P is a family of low power, high performance
16-bit analog-to-digital converters. Designed with Intersil’s
proprietary FemtoCharge™ technology on a standard CMOS
process, the family supports sampling rates of up to
250MSPS. The ISLA216P is part of a pin-compatible portfolio
of 12 to 16-bit A/Ds with maximum sample rates ranging from
130MSPS to 500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters
such as gain and offset.
Digital output data is presented in selectable LVDS or CMOS
formats. The ISLA216P is available in a 72-contact QFN
package with an exposed paddle. Operating from a 1.8V
supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).

Features
• Single supply 1.8V operation
• Clock duty cycle stabilizer
• 75fs Clock jitter
• 700MHz Bandwidth
• Programmable built-in test patterns
• Multi-ADC support
- SPI Programmable fine gain and offset control
- Support for multiple ADC synchronization
- Optimized output timing
• Nap and sleep modes
- 200µs Sleep wake-up time
• Data output clock
• DDR LVDS-compatible or LVCMOS outputs
• Selectable Clock Divider

Applications
• Radar array processing
• Software defined radios
• Broadband communications
• High-performance data acquisition
• Communications test equipment




Similar Part No. - ISLA216P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
January 13, 2011
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 33P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
April 15, 2011
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 34P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
Rev.3.0 Jul 6, 2021
logo
Intersil Corporation
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 32P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
January 13, 2011
More results


Similar Description - ISLA216P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
January 13, 2011
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
May 11, 2011
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
April 15, 2011
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
June 17, 2011
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com