Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAD5510P Datasheet (PDF) - Intersil Corporation

KAD5510P Datasheet PDF - Intersil Corporation
Part # KAD5510P
Download  KAD5510P Download
File Size   1139.77 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power 10-Bit, 250/210/170/125MSPS ADC

KAD5510P Datasheet (PDF)

Go To PDF Page Download Datasheet
KAD5510P Datasheet PDF - Intersil Corporation

Part # KAD5510P
Download  KAD5510P Click to download

File Size   1139.77 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power 10-Bit, 250/210/170/125MSPS ADC

KAD5510P Datasheet (HTML) - Intersil Corporation


KAD5510P Product details

The KAD5510P is a family of low power, high performance 10-bit
analog-to-digital converters. Designed with Intersil’s proprietary
FemtoCharge™ technology on a standard CMOS process, the
family supports sampling rates of up to 250MSPS. The
KAD5510P is part of a pin-compatible portfolio of 10, 12 and
14-bit A/Ds with sample rates ranging from 125MSPS to
500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters such
as gain and offset.
Digital output data is presented in selectable LVDS or CMOS formats.
The KAD5510P is available in a 48-contact QFN package with an
exposed paddle. Operating from a 1.8V supply, performance is
specified over the full industrial temperature range (-40°C to +85°C).

Features
• 1.5GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Programmable Gain, Offset and Skew Control
• Over-Range Indicator
• Selectable Clock Divider: ÷1, ÷2 or ÷4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)

Applications
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
• WiMAX and Microwave Receivers




Similar Part No. - KAD5510P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
January 3, 2011
KAD5510P INTERSIL-KAD5510P Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P-12 INTERSIL-KAD5510P-12 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
KAD5510P-12Q48 INTERSIL-KAD5510P-12Q48 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
January 3, 2011
More results


Similar Description - KAD5510P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
Low Power 12-Bit, 250/210/170/125MSPS ADC
March 4, 2009
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
14-Bit, 250/210/170/125MSPS ADC
March 4, 2009
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
Low Power 12-Bit, 250/210/170/125MSPS ADC
October 1, 2010
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
January 3, 2011
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
Low Power 12-Bit, 250/210/170/125MSPS ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com