Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S322 Datasheet (PDF) - Micrel Semiconductor

SY100S322 Datasheet PDF - Micrel Semiconductor
Part # SY100S322
Download  SY100S322 Download
File Size   94.31 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT BUFFER

SY100S322 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S322 Datasheet PDF - Micrel Semiconductor

Part # SY100S322
Download  SY100S322 Click to download

File Size   94.31 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT BUFFER

SY100S322 Datasheet (HTML) - Micrel Semiconductor


SY100S322 Product details

DESCRIPTION
The SY100S322 is an ultra-fast buffer designed for use in high-performance ECL systems. The device provides nine non-inverting buffers with single-ended outputs. The inputs on the device have 75KΩ pull-down resistors.

FEATURES
■ Max. propagation delay of 700ps
■ IEE min. of –55mA
■ Extended supply voltage option: VEE = –4.2V to –5.5V
■ Voltage and temperature compensation for improved noise immunity
■ Internal 75KΩ input pull-down resistors
■ 70% faster than Fairchild 300K at lower power
■ Function and pinout compatible with Fairchild F100K
■ Available in 24-pin CERPACK and 28-pin PLCC packages




Similar Part No. - SY100S322

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
83Kb / 6P
9-BIT BUFFER
SY100S322 MICREL-SY100S322 Datasheet
77Kb / 4P
9-BIT BUFFER
SY100S322FC MICREL-SY100S322FC Datasheet
83Kb / 6P
9-BIT BUFFER
SY100S322FCTR MICREL-SY100S322FCTR Datasheet
83Kb / 6P
9-BIT BUFFER
SY100S322JC MICREL-SY100S322JC Datasheet
83Kb / 6P
9-BIT BUFFER
More results


Similar Description - SY100S322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
Low Power 9-Bit Buffer
F100322 NSC-F100322 Datasheet
184Kb / 6P
Low Power 9-Bit Buffer
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
9-BIT BUFFER
1996 REV 2
logo
Fairchild Semiconductor
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
9-BIT BUFFER
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
9-BIT BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com