Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S325 Datasheet (PDF) - Micrel Semiconductor

SY100S325 Datasheet PDF - Micrel Semiconductor
Part # SY100S325
Download  SY100S325 Download
File Size   100.87 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LOW-POWER HEX ECL-to-TTL TRANSLATOR

SY100S325 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S325 Datasheet PDF - Micrel Semiconductor

Part # SY100S325
Download  SY100S325 Click to download

File Size   100.87 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LOW-POWER HEX ECL-to-TTL TRANSLATOR

SY100S325 Datasheet (HTML) - Micrel Semiconductor


SY100S325 Product details

DESCRIPTION
The SY100S325 are hex translators for converting 100K ECL logic levels to TTL logic levels. Inputs can be used as inverting, non-inverting or differential receivers. An internal reference voltage generator provides VBB for single-ended operation or for use in Schmitt trigger applications. All inputs have 75KΩ pull-down resistors. The outputs will go LOW when the inputs are either open or have the same potential.

FEATURES
■ Max. propagation delay of 3.7ns
■ IEE min. of –37mA
■ TTL outputs
■ Extended supply voltage option: VEE = –4.2V to –5.5V
■ 25% faster than Nationals 325
■ Differential inputs with built-in offset
■ Voltage and temperature compensation for improved noise immunity
■ VBB output for single-ended use
■ Internal 75KΩ input pull-down resistors
■ Function and pinout compatible with Fairchild F100K
■ Available in 24-pin CERPACK and 28-pin PLCC packages




Similar Part No. - SY100S325

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325 Datasheet
68Kb / 5P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325FC MICREL-SY100S325FC Datasheet
503Kb / 6P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325FCTR MICREL-SY100S325FCTR Datasheet
503Kb / 6P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325JC MICREL-SY100S325JC Datasheet
503Kb / 6P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325JC MICREL-SY100S325JC Datasheet
68Kb / 5P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
More results


Similar Description - SY100S325

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
F100324 NSC-F100324 Datasheet
152Kb / 5P
LOW POWER HEX TTL-TO-ECL TRANSLATOR
F100325 NSC-F100325 Datasheet
171Kb / 7P
Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325 MICREL-SY100S325_07 Datasheet
68Kb / 5P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
Low Power Hex ECL-to-TTL Translator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com