Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4881 Datasheet (PDF) - Texas Instruments

LM4881 Datasheet PDF - Texas Instruments
Part # LM4881_15
Download  LM4881 Download
File Size   476.38 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Dual 200 mW Headphone Amplifier with Shutdown Mode

LM4881 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4881 Datasheet PDF - Texas Instruments

Part # LM4881_15
Download  LM4881 Click to download

File Size   476.38 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Dual 200 mW Headphone Amplifier with Shutdown Mode

LM4881 Datasheet (HTML) - Texas Instruments




Similar Part No. - LM4881_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4881M NSC-LM4881M Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Texas Instruments
LM4881M/NOPB TI2-LM4881M/NOPB Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
LM4881M/NOPB.A TI2-LM4881M/NOPB.A Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
logo
National Semiconductor ...
LM4881MM NSC-LM4881MM Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Texas Instruments
LM4881MM/NOPB TI2-LM4881MM/NOPB Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
More results


Similar Description - LM4881_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com