Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2222H Datasheet (PDF) - Pan Jit International Inc.

2SC2222H Datasheet PDF - Pan Jit International Inc.
Part # 2SC2222H
Download  2SC2222H Download
File Size   371.5 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN General Purpose Switching Transistor

2SC2222H Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2222H Datasheet PDF - Pan Jit International Inc.

Part # 2SC2222H
Download  2SC2222H Click to download

File Size   371.5 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN General Purpose Switching Transistor

2SC2222H Datasheet (HTML) - Pan Jit International Inc.


2SC2222H Product details

Voltage 40V Current 600mA

Features
• NPN epitaxial Silicon, Planar Design
• Collector-emitter voltage VCE = 40V
• Collector current = 600mA
• Lead free in compliance with EU RoHS2.0 (2011/65/EU
   & 2015/865/EU directive)
• Green molding compound as per IEC61249 Std..
   (Halogen Free)

Mechanical Data
• Case: SOT-89 Package
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.002 ounces, 0.057grams
• Marking: C2H




Similar Part No. - 2SC2222H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2222 ETC-2SC2222 Datasheet
426Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR
More results


Similar Description - 2SC2222H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com