Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S351 Datasheet (PDF) - Micrel Semiconductor

SY100S351 Datasheet PDF - Micrel Semiconductor
Part # SY100S351
Download  SY100S351 Download
File Size   111.49 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description HEX D FLIP-FLOP

SY100S351 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S351 Datasheet PDF - Micrel Semiconductor

Part # SY100S351
Download  SY100S351 Click to download

File Size   111.49 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description HEX D FLIP-FLOP

SY100S351 Datasheet (HTML) - Micrel Semiconductor


SY100S351 Product details

DESCRIPTION
The SY100S351 offers six D-type, edge-triggered, master/slave flip-flops with differential outputs, and is designed for use in high-performance ECL systems. The flip-flops are controlled by the signal from the logical OR operation on a pair of common clock signals (CPa, CPb). Data enters the master when both CPa and CPb are LOW and transfers to the slave when either CPa or CPb (or both) go to a logic HIGH. The Master Reset (MR) input overrides all other inputs and takes the Q outputs to a logic LOW. The inputs on this device have 75KΩ pull-down resistors.

FEATURES
■ Max. toggle frequency of 700MHz
■ Clock to Q max. of 1200ps
■ IEE min. of –98mA
■ Industry standard 100K ECL levels
■ Extended supply voltage option: VEE = –4.2V to –5.5V
■ Voltage and temperature compensation for improved noise immunity
■ Internal 75KΩ input pull-down resistors
■ 50% faster than Fairchild 300K
■ Better than 20% lower power than Fairchild
■ Function and pinout compatible with Fairchild F100K
■ Available in 24-pin CERPACK and 28-pin PLCC packages




Similar Part No. - SY100S351

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351 Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351 Datasheet
415Kb / 6P
HEX D FLIP-FLOP
SY100S351FC MICREL-SY100S351FC Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351FCTR MICREL-SY100S351FCTR Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351JC MICREL-SY100S351JC Datasheet
96Kb / 8P
HEX D FLIP-FLOP
More results


Similar Description - SY100S351

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
HEX D FLIP-FLOP
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
Hex D Flip-Flop
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
Hex D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
Hex D Flip-Flop
F100151 NSC-F100151 Datasheet
145Kb / 6P
Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
HEX D FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com