Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S364 Datasheet (PDF) - Micrel Semiconductor

SY100S364 Datasheet PDF - Micrel Semiconductor
Part # SY100S364
Download  SY100S364 Download
File Size   107.38 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 16-INPUT MULTIPLEXER

SY100S364 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S364 Datasheet PDF - Micrel Semiconductor

Part # SY100S364
Download  SY100S364 Click to download

File Size   107.38 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 16-INPUT MULTIPLEXER

SY100S364 Datasheet (HTML) - Micrel Semiconductor


SY100S364 Product details

DESCRIPTION
The SY100S364 is a 16-input multiplexer designed for use in high-performance ECL systems. The four Data Select inputs (S0, S1, S2, S3) determine the bit from the 16 inputs (In) that will be passed on to the output as shown in the Truth Table. The output data polarity is the same as the input. The inputs on the device have 75KΩ pull-down resistors.

FEATURES
■ Max. propagation delay of 1300ps
■ IEE min. of –63mA
■ Industry standard 100K ECL levels
■ Extended supply voltage option:
   VEE = –4.2V to –5.5V
■ Voltage and temperature compensation for improved
   noise immunity
■ Internal 75KΩ input pull-down resistors
■ 70% faster than Fairchild
■ 40% lower power than Fairchild
■ Function and pinout compatible with Fairchild F100K
■ Available in 24-pin CERPACK and 28-pin PLCC
   packages




Similar Part No. - SY100S364

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364 Datasheet
96Kb / 6P
16-INPUT MULTIPLEXER
SY100S364FC MICREL-SY100S364FC Datasheet
96Kb / 6P
16-INPUT MULTIPLEXER
SY100S364FCTR MICREL-SY100S364FCTR Datasheet
96Kb / 6P
16-INPUT MULTIPLEXER
SY100S364JC MICREL-SY100S364JC Datasheet
96Kb / 6P
16-INPUT MULTIPLEXER
SY100S364JC MICREL-SY100S364JC Datasheet
89Kb / 4P
16-INPUT MULTIPLEXER
More results


Similar Description - SY100S364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100364 NSC-100364 Datasheet
124Kb / 8P
Low Power 16-Input Multiplexer
F100364 NSC-F100364 Datasheet
217Kb / 8P
Low Power 16-Input Multiplexer
logo
Fairchild Semiconductor
100364 FAIRCHILD-100364 Datasheet
72Kb / 7P
Low Power 16-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
100164 PHILIPS-100164 Datasheet
261Kb / 6P
16-Input Multiplexer
June 14 1990
logo
National Semiconductor ...
F100164 NSC-F100164 Datasheet
409Kb / 5P
F100164 16-Input Multiplexer
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364_06 Datasheet
96Kb / 6P
16-INPUT MULTIPLEXER
logo
National Semiconductor ...
100364 NSC-100364_09 Datasheet
294Kb / 8P
Low Power 16-Input Multiplexer
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364_07 Datasheet
89Kb / 4P
16-INPUT MULTIPLEXER
logo
Texas Instruments
100364 TI1-100364 Datasheet
158Kb / 7P
Low Power 16-Input Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com