Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S891 Datasheet (PDF) - Micrel Semiconductor

SY100S891 Datasheet PDF - Micrel Semiconductor
Part # SY100S891
Download  SY100S891 Download
File Size   80.71 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5-BIT REGISTERED TRANSCEIVER

SY100S891 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S891 Datasheet PDF - Micrel Semiconductor

Part # SY100S891
Download  SY100S891 Click to download

File Size   80.71 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5-BIT REGISTERED TRANSCEIVER

SY100S891 Datasheet (HTML) - Micrel Semiconductor


SY100S891 Product details

DESCRIPTION
The SY100S891 is a 5-bit registered transceiver containing five bus transceivers with both transmit and receive registers. The bus outputs (BUS0 – BUS4) are specified for driving a 25 ohm bus and the receive outputs (Q0 – Q4) are specified for driving a 50 ohm line. The bus outputs have a normal high level output voltage and a normal low level output voltage when the bus enable (BUSEN0 – BUSEN4) is high. However, the output is switched to a cut-off level when a bus-enable is low.

FEATURES
■ 25Ω cut-off bus outputs
■ 50Ω receiver outputs
■ Transmit and receive registers with separate clocks
■ 1500ps max. delay from CLK1 to Bus Outputs (BUS)
■ 1500ps max. delay from CLK2 to Receiver Outputs (Q)
■ Individual bus enable pins
■ Internal 75KΩ input pull-down resistors
■ Voltage and temperature compensation for improved noise immunity
■ Industry standard 100K ECL levels
■ Extended supply voltage option:VEE = –4.2V to –5.5V
■ Available in 28-pin PLCC package




Similar Part No. - SY100S891

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S891 MICREL-SY100S891 Datasheet
70Kb / 6P
5-BIT REGISTERED TRANSCEIVER
SY100S891JC MICREL-SY100S891JC Datasheet
70Kb / 6P
5-BIT REGISTERED TRANSCEIVER
SY100S891JCTR MICREL-SY100S891JCTR Datasheet
70Kb / 6P
5-BIT REGISTERED TRANSCEIVER
SY100S891JZ MICREL-SY100S891JZ Datasheet
70Kb / 6P
5-BIT REGISTERED TRANSCEIVER
SY100S891JZTR MICREL-SY100S891JZTR Datasheet
70Kb / 6P
5-BIT REGISTERED TRANSCEIVER
More results


Similar Description - SY100S891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
8-Bit Registered Transceiver
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
18-Bit Registered Transceiver
CY74FCT163646 TI-CY74FCT163646 Datasheet
71Kb / 8P
16-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
8-Bit Registered Transceiver
logo
Micrel Semiconductor
SY100S891 MICREL-SY100S891_06 Datasheet
70Kb / 6P
5-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
16-Bit Registered Transceiver
SN74LVCH16952A TI1-SN74LVCH16952A_08 Datasheet
351Kb / 14P
16-BIT REGISTERED TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com