Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL34119 Datasheet (PDF) - IK Semicon Co., Ltd

IL34119 Datasheet PDF - IK Semicon Co., Ltd
Part # IL34119
Download  IL34119 Download
File Size   725.99 Kbytes
Page   7 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Low Power Down Quiescent Current

IL34119 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL34119 Datasheet PDF - IK Semicon Co., Ltd

Part # IL34119
Download  IL34119 Click to download

File Size   725.99 Kbytes
Page   7 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Low Power Down Quiescent Current

IL34119 Datasheet (HTML) - IK Semicon Co., Ltd


IL34119 Product details

The IL34119 is a low power audio amplifier integrated circuit intended (primarily) for telephone applications, such as in speakerphones. It provides differential speaker outputs to maximize output swing at low supply voltages (2.0 volts minimum). Coupling capacitors to the speaker are not required. Open loop gain is 80 dB, and the closed loop gain is set with two external resistors. A Chip Disable pin permits powering down and/or muting the input signal. The IL34119 is available in a standard 8 pin DIP or a surface mount package.



• Wide Operating Supply Voltage Range (2-16 Volts) - Allows Telephone Line Powered Applications

• Low Quiescent Supply Current for Battery Powered Applications

• Chip Disable Input to Power Down the IC

• Low Power Down Quiescent Current

• Drives a Wide Range of Speaker Loads (8-100)

• Output Power Exceeds 250 mW with 32 Speaker

• Low Total Harmonic Distortion

• Gain Adjustable from <0 dB to >46 dB for Voice Band

• Requires Few External Components



 




Similar Part No. - IL34119

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL34119 INTEGRAL-IL34119 Datasheet
364Kb / 6P
Low Power Audio Amplifier
IL34119D INTEGRAL-IL34119D Datasheet
364Kb / 6P
Low Power Audio Amplifier
IL34119N INTEGRAL-IL34119N Datasheet
364Kb / 6P
Low Power Audio Amplifier
More results


Similar Description - IL34119

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1474 LINER-LTC1474 Datasheet
350Kb / 20P
Low Quiescent Current High Efficiency Step-Down Converters
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
August 10, 2005
logo
Linear Technology
LTC1474 LINER-LTC1474_15 Datasheet
247Kb / 20P
Low Quiescent Current High Efficiency Step-Down Converters
LTC1475 LINER-LTC1475_15 Datasheet
247Kb / 20P
Low Quiescent Current High Efficiency Step-Down Converters
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
Low quiescent current
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com