Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD100 Datasheet (PDF) - Power Mate Technology Co., LTD

MAD100 Datasheet PDF - Power Mate Technology Co., LTD
Part # MAD100
Download  MAD100 Download
File Size   2769.09 Kbytes
Page   5 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT

MAD100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAD100 Datasheet PDF - Power Mate Technology Co., LTD

Part # MAD100
Download  MAD100 Click to download

File Size   2769.09 Kbytes
Page   5 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT

MAD100 Datasheet (HTML) - Power Mate Technology Co., LTD


MAD100 Product details

FEATURES
• LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
• WIDE INPUT VOLTAGE RANGE 85 TO 264VAC, 47 TO 63HZ
• ACTIVE POWER FACTOR CORRECTION
• BUILT-IN EMI FILTER
• OUTPUT VOLTAGE ADJUSTABLE
• OPEN FRAME DIMENSIONS 2.00 X 3.00 X 1.16 INCH
• 4000VAC INPUT TO OUTPUT 2MOPP INSULATION
• PROTECTION TYPE CLASS I AND CLASS II
• LOW LEAKAGE CURRENT UNDER 75µA
• OPERATING ALTITUDE 5000M
• 5 YEAR WARRANTY
• ANSI/AAMI ES60601-1, EN60601-1, & IEC60601-1 3rd EDITION SAFETY APPROVALS
• CE MARKED
• COMPLIANT TO RoHS II & REACH

APPLICATIONS
• MEDICAL EQUIPMENT




Similar Part No. - MAD100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD103 MICROSEMI-MAD103 Datasheet
86Kb / 1P
Switching Diode Array
More results


Similar Description - MAD100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
Low Standby Power: Under 0.1W
logo
Power Mate Technology C...
MAD40 P-DUKE-MAD40 Datasheet
2Mb / 5P
0.11 WATT LOW STANDBY POWER CONSUMPTION
MAD65 P-DUKE-MAD65 Datasheet
2Mb / 5P
0.11 WATT LOW STANDBY POWER CONSUMPTION
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
MORNSUN Science& Techno...
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
Low ripple & noise, Low standby power consumption
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
Low ripple & noise, Low standby power consumption
logo
TAMURA Corporation.
BPM0580SJ TAMURA-BPM0580SJ Datasheet
274Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1234SJ TAMURA-BPM1234SJ Datasheet
280Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM2417SJ TAMURA-BPM2417SJ Datasheet
276Kb / 9P
Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com