Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E142 Datasheet (PDF) - Micrel Semiconductor

SY10E142 Datasheet PDF - Micrel Semiconductor
Part # SY10E142
Download  SY10E142 Download
File Size   71.84 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT SHIFT REGISTER

SY10E142 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E142 Datasheet PDF - Micrel Semiconductor

Part # SY10E142
Download  SY10E142 Click to download

File Size   71.84 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT SHIFT REGISTER

SY10E142 Datasheet (HTML) - Micrel Semiconductor


SY10E142 Product details

DESCRIPTION
The SY10/100E142 are high-speed 9-bit shift registers designed for use in new, high-performance ECL systems. The E142 can accept serial or parallel data to be shifted out in one direction as both serial and parallel outputs. The nine inputs, D0-D8, accept parallel input data, while S-IN accepts serial input data.

FEATURES
■ 700MHz min. shift frequency
■ Extended 100E VEE range of –4.2V to –5.5V
■ 9 bits wide for byte-parity applications
■ Asynchronous Master Reset
■ Dual clocks
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E142
■ Available in 28-pin PLCC package




Similar Part No. - SY10E142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
SY10E142JC MICREL-SY10E142JC Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
SY10E142JCTR MICREL-SY10E142JCTR Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
SY10E142JY MICREL-SY10E142JY Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
SY10E142JYTR MICREL-SY10E142JYTR Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
More results


Similar Description - SY10E142

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
9-BIT SHIFT REGISTER
1996 REV 2
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Mitsubishi Electric Sem...
M74LS96P MITSUBISHI-M74LS96P Datasheet
254Kb / 5P
5-Bit Shift Register
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
ECL/PECL 9-bit Shift Register
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com