Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E157 Datasheet (PDF) - Micrel Semiconductor

SY10E157 Datasheet PDF - Micrel Semiconductor
Part # SY10E157
Download  SY10E157 Download
File Size   59.0 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QUAD 2:1 MULTIPLEXER

SY10E157 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E157 Datasheet PDF - Micrel Semiconductor

Part # SY10E157
Download  SY10E157 Click to download

File Size   59.0 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QUAD 2:1 MULTIPLEXER

SY10E157 Datasheet (HTML) - Micrel Semiconductor


SY10E157 Product details

DESCRIPTION
The SY10/100E157 contain four 2:1 multiplexers with differential outputs. The output data are controlled by the individual Select (SEL) inputs. The individual select control makes the devices well suited for random logic designs.

FEATURES
■ Individual select controls
■ Extended 100E VEE range of –4.2V to –5.5V
■ 550ps max. D to Output
■ 800ps max. SEL to Output
■ Internal 75KΩ input pull-down resistors
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Available in 28-pin PLCC package




Similar Part No. - SY10E157

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10E157JC MICREL-SY10E157JC Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10E157JCTR MICREL-SY10E157JCTR Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10E157JI MICREL-SY10E157JI Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10E157JITR MICREL-SY10E157JITR Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
More results


Similar Description - SY10E157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com