Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9C303 Datasheet (PDF) - Intersil Corporation

X9C303 Datasheet PDF - Intersil Corporation
Part # X9C303
Download  X9C303 Download
File Size   255.61 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Terminal Voltage ±5V, 100 Taps, Log Taper

X9C303 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9C303 Datasheet PDF - Intersil Corporation

Part # X9C303
Download  X9C303 Click to download

File Size   255.61 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Terminal Voltage ±5V, 100 Taps, Log Taper

X9C303 Datasheet (HTML) - Intersil Corporation


X9C303 Product details

Description
The Intersil X9C303 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a three-wire interface.
The resistor array is composed of 99 resistive elements.
Between each element and at either end are tap points
accessible to the wiper terminal. The position of the wiper
element is controlled by the CS, U/D, and INC inputs. The
position of the wiper can be stored in nonvolatile memory
and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications ranging from control, to signal processing, to
parameter adjustment. Digitally-controlled potentiometers
provide three powerful application advantages; (1) the
variability and reliability of a solid-state potentiometer, (2) the
flexibility of computer-based digital controls, and (3) the use
of nonvolatile memory for potentiometer settings retention.

Features
• Solid-state potentiometer
• Three-wire serial interface
• 100 wiper tap points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 99 resistive elements, log taper
- Temperature compensated
- End-to-end resistance, 32kΩ ±15%
- Terminal voltages, ±5V
• Low power CMOS
- VCC = 5V
- Active current, 3mA max.
- Standby current, 750µA max.
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
• Packages
- 8 Ld TSSOP
- 8 Ld SOIC
- 8 Ld PDIP
• Pb-free available (RoHS compliant)




Similar Part No. - X9C303

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
Digitally Controlled Potentiomet (XDCP)
March 11, 2005
X9C303 INTERSIL-X9C303 Datasheet
258Kb / 10P
Logarithmic Digitally Controlled Potentiometer
January 30, 2009
X9C303 INTERSIL-X9C303 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results


Similar Description - X9C303

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
Terminal Voltage -5V, 32 Taps, Log Taper
September 15, 2005
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com