Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9268TS24 Datasheet (PDF) - Intersil Corporation

X9268TS24 Datasheet PDF - Intersil Corporation
Part # X9268TS24
Download  X9268TS24 Download
File Size   323.58 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Digitally-Controlled (XDCP) Potentiometers

X9268TS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9268TS24 Datasheet PDF - Intersil Corporation

Part # X9268TS24
Download  X9268TS24 Click to download

File Size   323.58 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Digitally-Controlled (XDCP) Potentiometers

X9268TS24 Datasheet (HTML) - Intersil Corporation


X9268TS24 Product details

DESCRIPTION
The X9268 integrates 2 digitally controlled
potentiometer (XDCP) on a monolithic CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-Wire bus interface. Each potentiometer has
associated with it a volatile Wiper Counter Register
(WCR) and a four nonvolatile Data Registers that can
be directly written to and read by the user. The
contents of the WCR controls the position of the wiper
on the resistor array though the switches. Powerup
recalls the contents of the default Data Register (DR0)
to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.

FEATURES
• Dual–Two Separate Potentiometers
• 256 Resistor Taps/Pot–0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
• Wiper Resistance, 100Ω typical @ V+ = 5V,
V- = -5V
• 16 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position
on Power-up.
• Standby Current <5µA Max
• VCC: ±2.7V to ±5.5V Operation
• 50kΩ, 100kΩ Versions of End to End Pot
Resistance
• Endurance: 100,000 Data Changes per Bit per
Register
• 100 yr. Data Retention
• 24 Ld SOIC
• Low Power CMOS
• Power Supply VCC = ±2.7V to ±5.5V
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - X9268TS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268TS24 INTERSIL-X9268TS24 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
X9268TS24 INTERSIL-X9268TS24 Datasheet
320Kb / 22P
Dual Digitally-Controlled Potentiometers
August 29, 2006
logo
Renesas Technology Corp
X9268TS24 RENESAS-X9268TS24 Datasheet
850Kb / 22P
Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9268TS24-2.7 INTERSIL-X9268TS24-2.7 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
X9268TS24I INTERSIL-X9268TS24I Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
More results


Similar Description - X9268TS24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
Quad Digitally Controlled Potentiometers (XDCP)
X9259 XICOR-X9259 Datasheet
400Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometers
X9400 XICOR-X9400 Datasheet
150Kb / 22P
Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
Dual Digitally Controlled Potentiometers
March 1, 2005
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
Quad Digitally Controlled Potentiometers (XDCP)
November 14, 2006
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP??
February 8, 2006
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
Dual Digitally Controlled Potentiometers XDCP
September 4, 2009
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
Quad Digitally Controlled (XDCP?? Potentiometers
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com