Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9251 Datasheet (PDF) - Intersil Corporation

X9251 Datasheet PDF - Intersil Corporation
Part # X9251
Download  X9251 Download
File Size   438.05 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer

X9251 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9251 Datasheet PDF - Intersil Corporation

Part # X9251
Download  X9251 Click to download

File Size   438.05 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer

X9251 Datasheet (HTML) - Intersil Corporation


X9251 Product details

The X9251 integrates four digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
SPI bus interface. Each potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and four nonvolatile
Data Registers that can be directly written to and read by the
user. The content of the WCR controls the position of the wiper.
At power-up, the device recalls the content of the default Data
Registers of each DCP (DR00, DR10, DR20, and DR30) to the
corresponding WCR.
The XDCP can be used as a three terminal potentiometer or as
a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• Four potentiometers in one package
• 256 resistor taps–0.4% resolution
• SPI serial interface for write, read, and transfer operations of
the potentiometer
• Wiper resistance: 100Ω typical at VCC = 5V
• 4 Nonvolatile data registers for each potentiometer
• Nonvolatile storage of multiple wiper positions
• Standby current <5µA max
• VCC: 2.7V to 5.5V operation
• 50kΩ version of total resistance
• 100 year data retention
• Single supply version of X9250
• Endurance: 100,000 data changes per bit per register
• 24 Ld SOIC, 24 Ld TSSOP
• Low power CMOS
• Pb-free (RoHS compliant)




Similar Part No. - X9251

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9251 INTERSIL-X9251 Datasheet
331Kb / 20P
Quad Digitally-Controlled (XDCP?? Potentiometer
April 13, 2007
X9251 INTERSIL-X9251 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Similar Description - X9251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
March 31, 2005
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com