Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E164 Datasheet (PDF) - Micrel Semiconductor

SY10E164 Datasheet PDF - Micrel Semiconductor
Part # SY10E164
Download  SY10E164 Download
File Size   58.27 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 16:1 MULTIPLEXER

SY10E164 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E164 Datasheet PDF - Micrel Semiconductor

Part # SY10E164
Download  SY10E164 Click to download

File Size   58.27 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 16:1 MULTIPLEXER

SY10E164 Datasheet (HTML) - Micrel Semiconductor


SY10E164 Product details

DESCRIPTION
The SY10/100E164 are 16:1 multiplexers with a differential output. The select inputs (SEL0,1,2,3) control which one of the sixteen data inputs (A0–A15) is propagated to the output.
Special attention to the design layout results in a typical skew between the 16 inputs of only 50ps.

FEATURES
■ 850ps Data Input to Output
■ Extended 100E VEE range of –4.2V to –5.5V
■ Differential output
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pull-down resistors
■ Fully compatible with Motorola MC10E/100E164
■ Available in 28-pin PLCC package




Similar Part No. - SY10E164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164 Datasheet
59Kb / 4P
16:1 MULTIPLEXER
SY10E164JC MICREL-SY10E164JC Datasheet
59Kb / 4P
16:1 MULTIPLEXER
SY10E164JCTR MICREL-SY10E164JCTR Datasheet
59Kb / 4P
16:1 MULTIPLEXER
SY10E164JZ MICREL-SY10E164JZ Datasheet
59Kb / 4P
16:1 MULTIPLEXER
SY10E164JZTR MICREL-SY10E164JZTR Datasheet
59Kb / 4P
16:1 MULTIPLEXER
More results


Similar Description - SY10E164

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
16:1 2.488 Gbps Multiplexer
logo
ON Semiconductor
MC100LVE164 ONSEMI-MC100LVE164 Datasheet
117Kb / 4P
LOW VOLTAGE 16:1 MULTIPLEXER
1996 REV 1
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
16:1 MULTIPLEXER
1996 REV 2
logo
Fairchild Semiconductor
MM74C150 FAIRCHILD-MM74C150 Datasheet
69Kb / 8P
16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
logo
National Semiconductor ...
DM74LS450 NSC-DM74LS450 Datasheet
128Kb / 6P
16:1 Multiplexer
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164_06 Datasheet
59Kb / 4P
16:1 MULTIPLEXER
logo
Integrated Device Techn...
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
16:1 SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com