Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9511WPIZ Datasheet (PDF) - Intersil Corporation

X9511WPIZ Datasheet PDF - Intersil Corporation
Part # X9511WPIZ
Download  X9511WPIZ Download
File Size   198.54 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V

X9511WPIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
X9511WPIZ Datasheet PDF - Intersil Corporation

Part # X9511WPIZ
Download  X9511WPIZ Click to download

File Size   198.54 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V

X9511WPIZ Datasheet (HTML) - Intersil Corporation


X9511WPIZ Product details

DESCRIPTION
The Intersil X9511 is a push button controlled potentiometer that is ideal for push button controlled resistance trimming.
The X9511 is a resistor array composed of 31 resistive
elements. Between each element and at either end
are tap points accessible to the wiper element. The
position of the wiper element is controlled by the PU
and PD inputs. The position of the wiper can be automatically stored in E2 memory and then be recalled
upon a subsequent power-on operation.
The resolution of the X9511 is equal to the maximum
resistance value divided by 31. As an example, for the
X9511W (10kΩ) each tap point represents 323Ω.
All Intersil nonvolatile products are designed and
tested for applications requiring extended endurance
and data retention.

FEATURES
• Push button controlled
• Low power CMOS
—Active current, 3mA max
—Standby current, 100µA typical
• 31 resistive elements
—Temperature compensated
—±20% end to end resistance range
—-5V to +5V range
• 32 wiper tap points
—Wiper positioned via two push button inputs
—Slow and fast scan modes
—AUTOSTORE® option
—Manual store option
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 100 year wiper position data retention
• X9511W = 10kΩ
• Packages
—8 Ld PDIP
—8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9511WPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
201Kb / 9P
The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
February 2, 2007
logo
Renesas Technology Corp
X9511WPIZ RENESAS-X9511WPIZ Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Similar Description - X9511WPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
Terminal Voltage -5V, 32 Taps, Log Taper
September 15, 2005
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
December 3, 2007
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com