Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9408 Datasheet (PDF) - Intersil Corporation

X9408 Datasheet PDF - Intersil Corporation
Part # X9408
Download  X9408 Download
File Size   333.89 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally Controlled Potentiometers

X9408 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9408 Datasheet PDF - Intersil Corporation

Part # X9408
Download  X9408 Click to download

File Size   333.89 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally Controlled Potentiometers

X9408 Datasheet (HTML) - Intersil Corporation


X9408 Product details

The X9408 integrates four digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated circuit.
The digital controlled potentiometer is implemented using 63
resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled
by the user through the 2-wire bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Power-up recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• Four Potentiometers in One Package
• 64 Resistor Taps per Potentiometer
• 2-wire Serial Interface
• Wiper Resistance, 40Ω Typical at 5V
• Four Nonvolatile Data Registers for Each Pot
• Nonvolatile Storage of Wiper Position
• Standby Current < 1µA max (Total Package)
• VCC = 2.7V to 5.5V Operation
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
• 10kΩ, 2.5kΩ End to End Resistances
• High reliability
• Endurance–100,000 Data Changes Per Bit Per Register
• Register Data Retention–100 years
• 24 Ld SOIC, 24 Ld TSSOP, 24 Ld PDIP Packages
• Pb-Free (RoHS Compliant)




Similar Part No. - X9408

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
Low Noise/Low Power/2-Wire Bus
X9408 INTERSIL-X9408 Datasheet
336Kb / 20P
Quad Digitally Controlled (XDCP?? Potentiometers
X9408 INTERSIL-X9408 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408-2.7 INTERSIL-X9408-2.7 Datasheet
373Kb / 21P
Low Noise/Low Power/2-Wire Bus
More results


Similar Description - X9408

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
Quad Digitally Controlled Potentiometers
July 28, 2006
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
Quad Digitally Controlled Potentiometers
September 15, 2006
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
August 29, 2006
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
Quad Digitally-Controlled Potentiometers
April 13, 2007
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
Quad Digitally Controlled Potentiometers
July 28, 2006
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
October 12, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
Quad Digitally Controlled Potentiometers
September 3, 2009
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
Quad Digitally Controlled Potentiometers
May 28, 2009
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
Quad Digitally Controlled Potentiometers
September 2, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com