Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E193 Datasheet (PDF) - Micrel Semiconductor

SY10E193 Datasheet PDF - Micrel Semiconductor
Part # SY10E193
Download  SY10E193 Download
File Size   62.81 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ERROR DETECTION/ CORRECTION CIRCUIT

SY10E193 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E193 Datasheet PDF - Micrel Semiconductor

Part # SY10E193
Download  SY10E193 Click to download

File Size   62.81 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ERROR DETECTION/ CORRECTION CIRCUIT

SY10E193 Datasheet (HTML) - Micrel Semiconductor


SY10E193 Product details

DESCRIPTION
The SY10/100E193 are error detection and correction (EDAC) circuits designed for use in new, high- performance ECL systems. The E193 generates hamming parity codes on an 8-bit word as shown in the block diagram. The P5 output gives the parity of the whole word. PGEN provides word parity after Odd/Even parity control and gating with the BPAR input. PGEN also feeds into a 1-bit shiftable register for use as part of a scan ring.

FEATURES
■ Hamming code generation
■ Extended 100E VEE range of –4.2V to –5.5V
■ 8-bit wide
■ Expandable for more width
■ Provides parity register
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E193
■ Available in 28-pin PLCC package




Similar Part No. - SY10E193

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JC MICREL-SY10E193JC Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JCTR MICREL-SY10E193JCTR Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JZ MICREL-SY10E193JZ Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JZTR MICREL-SY10E193JZTR Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
More results


Similar Description - SY10E193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
32-Bit Parallel Error Detection and Correction Circuit
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
Error Detection Correction LSIs for RDS Demodulators
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction)
January 1996
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com