Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL9010M Datasheet (PDF) - Intersil Corporation

ZL9010M Datasheet PDF - Intersil Corporation
Part # ZL9010M
Download  ZL9010M Download
File Size   1499.62 Kbytes
Page   72 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital DC/DC PMBus 10A Power Module

ZL9010M Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL9010M Datasheet PDF - Intersil Corporation

Part # ZL9010M
Download  ZL9010M Click to download

File Size   1499.62 Kbytes
Page   72 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital DC/DC PMBus 10A Power Module

ZL9010M Datasheet (HTML) - Intersil Corporation


ZL9010M Product details

The ZL9010M is a 10A adjustable output, step-down
synchronous PMBus-compliant digital power supply. Included
in the module is a high-performance digital PWM controller,
power MOSFETs, an inductor and all the passive components
required for a highly integrated DC/DC power solution. This
power module has built-in auto compensation algorithms,
which eliminates the need for manual compensation design
work. The ZL9010M operates over a wide input voltage range
and supports an output voltage range of 0.6V to 3.6V, which
can be set by external resistors or via PMBus. Only bulk input
and output capacitors are needed to finish the design. The
output voltage can be precisely regulated to as low as 0.6V
with ±1% output voltage regulation over line, load and
temperature variations.
The ZL9010M functions as a switch mode power supply with
added benefits of auto compensation, programmable power
management features, parametric monitoring and status
reporting capabilities.
The ZL9010M is packaged in a thermally enhanced, compact
(17.2mm x 11.45mm) and low profile (2.5mm) overmolded
high-density array (HDA) package module suitable for
automated assembly by standard surface mount equipment.
The ZL9010M is RoHS compliant.

Features
• Complete digital switch mode power supply
• Auto compensating PID filter
• ±1% output voltage accuracy
• External synchronization
• Overcurrent/undercurrent protection
• Output voltage tracking
• Current sharing and phase interleaving
• Programmable sequencing (delay and ramp time)
• Snapshot™ parametric capture
• PMBus compliant

Applications
• Server, telecom and datacom
• Industrial and medical equipment
• General purpose point-of-load




Similar Part No. - ZL9010M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Renesas Technology Corp
ZL9010M RENESAS-ZL9010M Datasheet
2Mb / 72P
Digital DC/DC PMBus 10A Power Module
ZL9010MAIRZ RENESAS-ZL9010MAIRZ Datasheet
2Mb / 72P
Digital DC/DC PMBus 10A Power Module
ZL9010MEVAL1Z RENESAS-ZL9010MEVAL1Z Datasheet
2Mb / 72P
Digital DC/DC PMBus 10A Power Module
logo
Intersil Corporation
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
More results


Similar Description - ZL9010M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
Digital DC/DC PMBus 12A Module
April 8, 2011
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 30P
Digital DC/DC PMBus 6A Power Module
March 5, 2013
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
ISL8272MAIRZ INTERSIL-ISL8272MAIRZ Datasheet
1Mb / 55P
50A Digital DC/DC PMBus Power Module
January 14, 2015
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
ISL8272M RENESAS-ISL8272M Datasheet
2Mb / 59P
50A Digital DC/DC PMBus Power Module
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
Digital DC/DC PMBus 6A Power Module
ZL9010M RENESAS-ZL9010M Datasheet
2Mb / 72P
Digital DC/DC PMBus 10A Power Module
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com